Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513 Datasheet(PDF) 7 Page - Linear Technology

Part # 3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3513 Datasheet(HTML) 7 Page - Linear Technology

Back Button 3513 Datasheet HTML 3Page - Linear Technology 3513 Datasheet HTML 4Page - Linear Technology 3513 Datasheet HTML 5Page - Linear Technology 3513 Datasheet HTML 6Page - Linear Technology 3513 Datasheet HTML 7Page - Linear Technology 3513 Datasheet HTML 8Page - Linear Technology 3513 Datasheet HTML 9Page - Linear Technology 3513 Datasheet HTML 10Page - Linear Technology 3513 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3513
7
3513fa
PIN FUNCTIONS
TYPICAL PERFORMANCE CHARACTERISTICS
LDO Current Limit vs Temperature
VUVLO vs Temperature
FB5 (Pin 1): Feedback Pin. Tie the resistor tap to this pin
and set the output of the LDO according to VLDO = 0.625 •
(1 + R14/R15). Reference designators refer to Figure 1.
VC1 (Pin 2): Control Voltage and Compensation Pin for
Internal Error Amplifier. Connect a series RC from this pin
to ground to compensate switching regulator 1.
RUN-SS3/4 (Pin 3): Run/Soft-Start Pin. This is the soft-
start pin for switching regulators 3 and 4. Place a soft-start
capacitor here to limit start-up inrush current and output
voltage ramp rate. When the BIAS pin reaches 2.8V, a 2μA
current source charges the capacitor. When the voltage at
this pin reaches 0.8V, switches 3 and 4 turn on and begin
switching. For slower start-up use a larger capacitor. For
complete shutdown tie RUN-SS3/4 to ground.
FB3 (Pin 4): Feedback Pin. Tie the resistor tap to this
pin and set VON according to VON = 1.23V • (1 + R8/R9)
– 150mV. Reference designators refer to Figure 1.
RUN-SS2 (Pin 5): Run/Soft-Start Pin. This is the soft-start
pin for switching regulator 2. Place a soft-start capacitor
here to limit start-up inrush current and output voltage
ramp rate. When the BIAS pin reaches 2.25V, a 2μA cur-
rent source charges the capacitor. When the voltage at this
pin reaches 0.8V, switch 2 turns on and begins switching.
For slower start-up use a larger capacitor. For complete
shutdown tie RUN-SS2 to ground.
SW3 (Pin 6): Switch Node. The SW3 pin is the collector of
the internal NPN bipolar transistor for switching regulator
3. Minimize trace area at this pin to keep EMI down.
E3 (Pin 7): This is switching regulator 3’s output and
the emitter of the output disconnect PNP. Tie the output
capacitor and resistor divider here.
VON (Pin 8): This is the delayed output for switching
regulator 3. VON reaches its programmed voltage after the
internal CT timer times out. Protection circuitry ensures
VON is disabled if any of the four outputs are more than
10% below normal voltage. This output is also disabled
when VON_CLK is high.
VONSINK (Pin 9): This is an open-collector output con-
trolled by the VON_CLK pin. When VON_CLK is low, this
pin draws no current and when VON_CLK is high, this pin
draws current.
VON_CLK (Pin 10): This pin controls the output disconnect
device and the open collector of VONSINK. When this pin is
low, the VON pin is enabled and the VONSINK pin is a high
impedance. When this pin is high, the VON pin is disabled
and the VONSINK pin sinks current to ground.
Reference Voltage for FB5, LDO
AMBIENT TEMPERATURE (°C)
–50
0
1
3
4
5
50
9
3513 G19
2
0
–25
75
100
25
125
6
7
8
AMBIENT TEMPERATURE ( C)
–50
1.30
1.31
1.33
100
3513 G20
1.29
1.28
050
1.27
1.26
1.32
UVLO FOR
START
UVLO MINIMUM
FOR RUN
TEMPERATURE (°C)
–40
640
650
670
35
85
3513 G21
630
620
–15
10
60
110
610
600
660
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com