Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513 Datasheet(PDF) 8 Page - Linear Technology

Part # 3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3513 Datasheet(HTML) 8 Page - Linear Technology

Back Button 3513 Datasheet HTML 4Page - Linear Technology 3513 Datasheet HTML 5Page - Linear Technology 3513 Datasheet HTML 6Page - Linear Technology 3513 Datasheet HTML 7Page - Linear Technology 3513 Datasheet HTML 8Page - Linear Technology 3513 Datasheet HTML 9Page - Linear Technology 3513 Datasheet HTML 10Page - Linear Technology 3513 Datasheet HTML 11Page - Linear Technology 3513 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3513
8
3513fa
PGOOD (Pin 11): Power Good Comparator Output. This is
the open collector output of the power good comparator
and can be used in conjunction with an external P-chan-
nel MOSFET to provide output disconnect for AVDD as
shown in Figure 2. When switcher 2’s output reaches
approximately 90% of its programmed voltage, PGOOD
will be pulled to ground. This will pull down on the gate
of the MOSFET, connecting AVDD. A 100k pull-up resistor
between the source and the gate of the P-channel MOSFET
keeps it off when switcher 2’s output is low.
VC3 (Pin 12): Control Voltage and Compensation Pin for
Internal Error Amplifier. Connect a series RC from this pin
to ground to compensate switching regulator 3.
CT (Pin 13): Timing Capacitor Pin. This is the input to
the VON timer and programs the time delay from all four
feedback pins reaching 1.125V to VON turning on. The CT
capacitor value can be set using the equation C = (20μA
• tDELAY)/1.1V.
GND (Pins 14, 17, 33): Ground.
SW2 (Pins 15, 16): Switch Node. The SW2 pin is the col-
lector of the internal NPN bipolar transistor for switching
regulator 2. Minimize trace area at this pin to keep EMI
down.
BIAS (Pins 18, 29): The BIAS pin is used to improve ef-
ficiency when operating at higher input voltages. Connect-
ing this pin to the output of switching regulator 1 forces
most of the internal circuitry to draw its operating current
from VLOGIC rather than VIN. The drivers of switches 2, 3,
4 and 5 are supplied by BIAS. Switches 2, 3, 4 and 5 will
not switch until the BIAS pin reaches approximately 2.7V.
Both BIAS pins must be tied to VLOGIC.
FB2 (Pin 19): Feedback Pin. Tie the resistor divider tap
to this pin and set AVDD according to AVDD = 1.23V •
(1 + R5/R6). Reference designators refer to Figure 2.
VC2 (Pin 20): Control Voltage and Compensation Pin for
Internal Error Amplifier. Connect a series RC from this pin
to ground to compensate switching regulator 2.
VC4 (Pin 21): Control Voltage and Compensation Pin for
Internal Error Amplifier. Connect a series RC from this pin
to ground to compensate switching regulator 4.
RUN-SS1 (Pin 22): Run/Soft-Start Pin. This is the soft-start
pin for switching regulator 1. Place a soft-start capacitor
here to limit start-up inrush current and output voltage
ramp rate. When power is applied to the VIN pin, a 2μA
current source charges the capacitor. When the voltage
at this pin reaches 0.8V, switch 1 turns on and begins
switching. For slower start-up use a larger capacitor. For
complete shutdown tie RUN-SS1 to ground.
NFB4 (Pin 23): Negative Feedback Pin. Tie the resistor di-
vider tap to this pin and set VOFF according to VOFF = –1.18 •
(1 + R3/R4). Reference designators refer to Figure 2.
D4 (Pin 24): Internal Schottky Diode Pin. This pin is the
anode of an internal Schottky diode with the other end
connected to ground. This Schottky diode is used in
generating the VOFF output.
SW4 (Pin 25): Switch Node. The SW4 pin is the collector of
the internal NPN bipolar transistor for switching regulator
4. Minimize trace area at this pin to keep EMI down.
BD (Note 26): NPN LDO Base Drive. This pin controls the
base of the external NPN LDO transistor.
LDOPWR (Pin 27): Input Voltage for LDO Driver. This pin
supplies the current for the NPN LDO base. This pin can be
connected to VIN. To save power at high VIN voltages, the
pin can alternatively be connected to the AVDD supply.
BOOST (Pin 28): The BOOST pin is used to provide a
drive voltage higher than VIN to the switch 1 drive circuit.
An internal Schottky diode is connected between BIAS
and BOOST. A capacitor needs to be connected between
BOOST and SW1.
SENSE– (Pin 30)
Negative Current Sense Input. This pin
(along with the SENSE+ pin) is used to sense the inductor
current for the buck switching regulator.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com