Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513 Datasheet(PDF) 2 Page - Linear Technology

Part # 3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3513 Datasheet(HTML) 2 Page - Linear Technology

  3513 Datasheet HTML 1Page - Linear Technology 3513 Datasheet HTML 2Page - Linear Technology 3513 Datasheet HTML 3Page - Linear Technology 3513 Datasheet HTML 4Page - Linear Technology 3513 Datasheet HTML 5Page - Linear Technology 3513 Datasheet HTML 6Page - Linear Technology 3513 Datasheet HTML 7Page - Linear Technology 3513 Datasheet HTML 8Page - Linear Technology 3513 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3513
2
3513fa
ELECTRICAL CHARACTERISTICS
(Note 1)
VIN, LDOPWR Voltage ...............................................32V
UVLO Voltage............................................................32V
SW2, SW3, SW4 Voltage ..........................................40V
E3 Pin Voltage...........................................................40V
VON, VONSINK Voltage ................................................40V
PGOOD Voltage.........................................................40V
D4 Voltage ........................................................ 1V, –40V
BOOST Voltage .........................................................37V
BOOST Over SW1 .......................................................8V
SENSE+, SENSE– Voltage..........................................10V
VON_CLK Voltage........................................................10V
BIAS, BD Voltage ......................................................10V
CT Pin Voltage.............................................................5V
RUN-SS1, RUN-SS2, RUN-SS3/4 Voltage ..................5V
FB1, FB2, FB3, FB5 Voltage.........................................5V
NFB4 Voltage ...................................................... 5V, –5V
VC1, VC2, VC3, VC4 Voltage ..........................................5V
Junction Temperature ........................................... 125°C
Operating Temperature Range (Note 2).. –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, BIAS = 3V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
4.5
V
Quiescent Current
Not Switching
VRUNSS1 = 0V
7.5
30
12
65
mA
μA
RUN-SS1, RUN-SS2, RUN-SS3/4 Pin Current
RUN-SS1= RUN-SS2 = RUN-SS3
= RUN-SS4 = 0.4V
2μA
RUN-SS1, RUN-SS2, RUN-SS3/4 Threshold
0.8
V
BIAS Pin Voltage to Begin RUN-SS2, RUN-SS3/4
l
2.25
2.7
V
BIAS Pin Current
BIAS = 3.1V, All Switches Off
16.5
20
mA
PIN CONFIGURATION
13 14 15 16
TOP VIEW
39
UHF PACKAGE
38-LEAD (5mm
7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
FB5
VC1
RUN-SS3/4
FB3
RUN-SS2
SW3
E3
VON
VONSINK
VON_CLK
PGOOD
VC3
SENSE+
SENSE–
BIAS
BOOST
LDOPWR
BD
SW4
D4
NFB4
RUN-SS1
VC4
VC2
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W, θJC = 1°C/W
EXPOSED PAD (PIN 39) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3513EUHF#PBF
LT3513EUHF#TRPBF
3513
38-Lead (5mm
× 7mm) Plastic QFN
–40°C to 125°C
LT3513IUHF#PBF
LT3513IUHF#TRPBF
3513
38-Lead (5mm
× 7mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com