Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513 Datasheet(PDF) 20 Page - Linear Technology

Part # 3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3513 Datasheet(HTML) 20 Page - Linear Technology

Back Button 3513 Datasheet HTML 12Page - Linear Technology 3513 Datasheet HTML 13Page - Linear Technology 3513 Datasheet HTML 14Page - Linear Technology 3513 Datasheet HTML 15Page - Linear Technology 3513 Datasheet HTML 16Page - Linear Technology 3513 Datasheet HTML 17Page - Linear Technology 3513 Datasheet HTML 18Page - Linear Technology 3513 Datasheet HTML 19Page - Linear Technology 3513 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3513
20
3513fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 1108 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT3003
3-Channel LED Ballaster with PWM Dimming
VIN: 3V to 48V, IQ = 3,000:1 True Color PWMTM, ISD < 5μA,
MSOP10 Package
LT3465/LT3465A
Constant Current, 1.2MHz/2.7MHz, High Efficiency White
LED Boost Regulators with Integrated Schottky Diode
VIN: 2.7V to 16V, VOUT(MAX) = 34V, IQ = 1.9mA, ISD < 1μA,
ThinSOTTM Package
LT3466/LT3466-1
Dual Constant Current, 2MHz High Efficiency White LED
Boost Regulators with Integrated Schottky Diode
VIN: 2.7V to 24V, VOUT(MAX) = 40V, IQ = 5mA, ISD < 16μA,
3mm
× 3mm DFN10 Package
LT3474
36V, 1A (ILED), 2MHz Step-Down LED Driver
VIN: 4V to 36V, VOUT(MAX) = 13.5V, IQ = 400:1 True Color PWM,
ISD < 16μA, TSSOP16E Package
LT3475
Dual 1.5A (ILED), 36V, 2MHz Step-Down LED Driver
VIN: 4V to 36V, VOUT(MAX) = 13.5V, IQ = 3,000:1 True Color PWM,
ISD < 1μA, TSSOP20E Package
LT3476
Quad Output 1.5A, 2MHz High Current LED Driver with
1,000:1 Dimming
VIN: 2.8V to 16V, VOUT(MAX) = 36V, IQ = 1,000:1 True Color PWM,
ISD < 10μA, 5mm × 7mm QFN10 Package
LT3478/LT3478-1
42V, 4.5A (ISW), 2.25MHz, LED Drivers with 3,000:1 True
Color PWM Dimming
VIN: 2.8V to 36V, VOUT(MAX) = 42V, IQ = 6.1mA, ISD < 3μA,
TSSOP16E Package
LT3486
Dual 1.3A, 2MHz High Current LED Driver
VIN: 2.5V to 24V, VOUT(MAX) = 36V, IQ = 1,000:1 True Color PWM,
ISD < 1μA, 5mm × 3mm DFN, TSSOP16E Packages
LT3491
Constant Current, 2.3MHz, High Efficiency White LED
Boost Regulator with Integrated Schottky Diode
VIN: 2.5V to 12V, VOUT(MAX) = 27V, IQ = 2.6mA, ISD < 8μA,
2mm
× 2mm DFN6, SC70 Packages
LT3494/LT3494A
40V, 180mA/350mA Micropower Low Noise Boost
Converters with Output Disconnect
VIN: 2.3V to 16V, VOUT(MAX) = 40V, IQ = 65μA, ISD < 1μA,
3mm
× 2mm DFN8 Package
LT3497
Dual 2.3MHz, Full Function LED Driver with Integrated
Schottkys and 250:1 True Color PWM Dimming
VIN: 2.5V to 10V, VOUT(MAX) = 32V, IQ = 6mA, ISD < 12μA,
3mm
× 2mm DFN10 Package
LT3498
2.3MHz, 20mA LED Driver and OLED Driver with
Integrated Schottkys
VIN: 2.5V to 12V, VOUT(MAX) = 32V, IQ = 1.65mA, ISD < 9μA,
3mm
× 2mm DFN12 Package
LT3591
Constant Current, 1MHz, High Efficiency White LED Boost
Regulator with Integrated Schottky Diode and 80:1 True
Color PWM Dimming
VIN: 2.5V to 12V, VOUT(MAX) = 40V, IQ = 4mA, ISD < 9μA,
3mm
× 2mm DFN8 Package
LT3595
16-Channel 48V, 2MHz Buck Mode LED Driver with
3000:1 True Color PWM Dimming
VIN: 4.5V to 50V, IQ = 3,000:1 True Color PWM, ISD < 3μA,
5mm
× 9mm QFN56 Package
True Color PWM and ThinSOT are trademarks of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com