Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513 Datasheet(PDF) 13 Page - Linear Technology

Part # 3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3513 Datasheet(HTML) 13 Page - Linear Technology

Back Button 3513 Datasheet HTML 9Page - Linear Technology 3513 Datasheet HTML 10Page - Linear Technology 3513 Datasheet HTML 11Page - Linear Technology 3513 Datasheet HTML 12Page - Linear Technology 3513 Datasheet HTML 13Page - Linear Technology 3513 Datasheet HTML 14Page - Linear Technology 3513 Datasheet HTML 15Page - Linear Technology 3513 Datasheet HTML 16Page - Linear Technology 3513 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3513
13
3513fa
INDUCTOR SELECTION AND MAXIMUM OUTPUT
CURRENT
A good first choice for the inductor value is:
L
VV
OUT
F
=
+
1 8
.
where VFisthevoltagedropofthecatchdiode(~0.4V)andL
is in μH. The inductor’s RMS current rating must be greater
than the maximum load current and its saturation current
should be at least 30% higher. For highest efficiency, the
series resistance (DCR) should be less than 0.1
Ω. Table 1
lists several vendors and types that are suitable.
Table 1. Inductor Vendors
VENDOR
URL
PART SERIES
TYPE
Coilcraft
www.coilcraft.com
MSS7341
Shielded
Murata
www.murata.com
LQH55D
Open
TDK
www.component.tdk.com
SLF7045
SLF10145
Shielded
Shielded
Toko
www.toko.com
DC62CB
D63CB
D75C
D75F
Shielded
Shielded
Shielded
Open
Sumida
www.sumida.com
CR54
CDRH74
CDRH6D38
CR75
Open
Shielded
Shielded
Open
The optimum inductor for a given application may differ
from the one indicated by this simple design guide. A larger
value inductor provides a higher maximum load current,
and reduces the output voltage ripple. If your load is lower
than the maximum load current, then you can relax the
value of the inductor and operate with higher ripple cur-
rent. This allows you to use a physically smaller inductor
or one with a lower DCR resulting in higher efficiency. Be
aware that the maximum load current depends on input
voltage. A graph in the Typical Performance Character-
istics section of this data sheet shows the maximum
load current as a function of input voltage and inductor
value for VOUT = 3.3V. In addition, low inductance may
result in discontinuous mode operation, which further
reduces maximum load current. For details of maximum
output current and discontinuous mode operation, see
Linear Technology’s Application Note 44. Finally, for duty
cycles greater than 50% (VOUT/VIN > 0.5), a minimum
inductance is required to avoid subharmonic oscillations,
see Application Note 19.
The current in the inductor is a triangle wave with an average
value equal to the load current. The peak switch current
is equal to the output current plus half the peak-to-peak
inductor ripple current. The LT3513 limits its switch cur-
rent in order to protect itself and the system from overload
faults. Therefore, the maximum output current that the
LT3513 will deliver depends on the switch current limit, the
inductor value, and the input and output voltages. When
the switch is off, the potential across the inductor is the
output voltage plus the catch diode drop. This gives the
peak-to-peak ripple current in the inductor:
ΔI
DC V
V
Lf
L
OUT
F
= ()
+
()
1–
•
where f is the switching frequency of the LT3513 and L
is the value of the inductor. The peak inductor and switch
current is:
II
I
I
SW PK
LPK
OUT
L
() ==
+
Δ
2
To maintain output regulation, this peak current must be
less than the LT3513’s switch current limit of ILIM. For SW1,
ILIM is at least 2A at DC = 0.35, and decreases linearly to
1.5A at DC = 0.75 as shown in the Typical Performance
Characteristics section. The maximum output current is
a function of the chosen inductor value:
II
I
ADC
I
OUT MAX
LIM
LL
()
–.
•
– .
•
–
==
()
ΔΔ
2
25
1 0 57
2
Choosing an inductor value so that the ripple current is
small will allow a maximum output current near the switch
current limit. One approach to choosing the inductor is to
start with the simple rule given above, look at the available
inductors and choose one to meet cost or space goals.
Then use these equations to check that the LT3513 will
be able to deliver the required output current. Note again
that these equations assume that the inductor current is
continuous. Discontinuous operation occurs when IOUT
is less than
ΔIL/2.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com