Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513 Datasheet(PDF) 11 Page - Linear Technology

Part # 3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3513 Datasheet(HTML) 11 Page - Linear Technology

Back Button 3513 Datasheet HTML 7Page - Linear Technology 3513 Datasheet HTML 8Page - Linear Technology 3513 Datasheet HTML 9Page - Linear Technology 3513 Datasheet HTML 10Page - Linear Technology 3513 Datasheet HTML 11Page - Linear Technology 3513 Datasheet HTML 12Page - Linear Technology 3513 Datasheet HTML 13Page - Linear Technology 3513 Datasheet HTML 14Page - Linear Technology 3513 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3513
11
3513fa
The LT3513 is a highly integrated power supply IC contain-
ing four separate switching regulators and a low dropout
linear regulator (LDO). Switching regulator 1 is a step-
down 2.5A regulator with inductor current sense and an
integrated boost Schottky diode. Switching regulator 2 can
be configured as a step-up or SEPIC converter and has a
1.2A switch. Switching regulator 3 consists of a step-up
regulator with a 0.25A switch as well as an integrated
Schottky diode. Switching regulator 4 is a negative regula-
tor with a switch current limit of 0.25A and an integrated
Schottky diode. Linear regulator 5 is capable of providing
8mA of current to the base of an external NPN transistor.
The regulators share common circuitry including input
source, voltage reference and master oscillator. Operation
can be best understood by referring to the Block Diagram
as shown in Figure 1.
If the RUN-SS1 pin is pulled to ground, the LT3513 is shut
down and draws 30μA from the input source tied to VIN.
An internal 2μA current source charges the external soft-
start capacitor, generating a voltage ramp at this pin. If the
RUN-SS1 pin exceeds 0.6V, the internal bias circuits turn
on, including the internal regulator, reference and 2MHz
master oscillator. The master oscillator generates four
clock signals, one for each of the switching regulators.
Switching regulator 1 will only begin to operate when the
RUN-SS1 pin reaches 0.8V. Switcher 1 generates VLOGIC,
which must be tied to the BIAS pin. When BIAS reaches 2.8V,
the NPNs pulling down on the RUN-SS2 and RUN-SS3/4
pins turns off, allowing an internal 2μA current source
to charge the external capacitors tied to RUN-SS2 and
RUN-SS3/4 pins. When the voltage on RUN-SS2 reaches
0.8V, switcher 2 is enabled. Correspondingly, when the
voltage on RUN-SS3/4 reaches 0.8V, switchers 3 and 4
are enabled. AVDD, E3 and VOFF will then begin rising at a
rate determined by the capacitors tied to the RUN-SS2 and
RUN-SS3/4 pins. When all four switching outputs reach
90% of their programmed voltages, the NPN pulling down
on the CT pin will turn off, and an internal 20μA current
source will charge the external capacitor tied to the CT pin.
When the CT pin reaches 1.1V, the output disconnect PNP
turns on, connecting VON to E3. In the event of any of the
four outputs dropping below 10% of their programmed
voltage, PanelProtect circuitry pulls the CT pin to GND,
disabling VON.
A power good comparator monitors AVDD and turns on
when FB2 is at or above 90% of its regulated value. The
output is an open-collector transistor that is off when the
output is out of regulation, allowing an external resistor
to pull the pin high. This pin can be used with a P-chan-
nel MOSFET that functions as an output disconnect for
AVDD.
The four switchers are current mode regulators. Instead
of directly modulating the duty cycle of the power switch,
the feedback loop controls the peak current in the switch
during each cycle. Compared to voltage mode control, cur-
rent mode control improves loop dynamics and provides
cycle-by-cycle current limit.
(2a)
(2b)
Figure 2. LT3513 Power-Up Sequence. (Traces from Both Photos
are Synchnonized to the Same Trigger)
RUN-SS 2V/DIV
VLOGIC 5V/DIV
IL1 1A/DIV
IL2 500μA/DIV
SS-234 2V/DIV
AVDD 10V/DIV
PGOOD 20V/DIV
5ms/DIV
3513 F02a
VOFF 10V/DIV
VSS3/4 2V/DIV
VCT 2V/DIV
IL4 500mA/DIV
IL3 500mA/DIV
VE3 20V/DIV
VON 20V/DIV
5ms/DIV
3513 F02b
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com