Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513 Datasheet(PDF) 1 Page - Linear Technology

Part # 3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3513 Datasheet(HTML) 1 Page - Linear Technology

  3513 Datasheet HTML 1Page - Linear Technology 3513 Datasheet HTML 2Page - Linear Technology 3513 Datasheet HTML 3Page - Linear Technology 3513 Datasheet HTML 4Page - Linear Technology 3513 Datasheet HTML 5Page - Linear Technology 3513 Datasheet HTML 6Page - Linear Technology 3513 Datasheet HTML 7Page - Linear Technology 3513 Datasheet HTML 8Page - Linear Technology 3513 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3513
1
3513fa
TYPICAL APPLICATION
DESCRIPTION
FEATURES
APPLICATIONS
2MHz High Current
5-Output Regulator
for TFT-LCD Panels
The LT®3513 5-output adjustable switching regulator
provides power for large TFT-LCD panels. The 38-pin
5mm
× 7mm QFN device can generate a 3.3V or 5V logic
supply along with the triple output supply required for the
TFT-LCD panel. A lower voltage secondary logic supply
may also be generated with the addition of an external
NPN driven by the internal linear regulator. A step-down
regulator provides a low voltage output, VLOGIC, with up
to 1.2A of current while capable of operating from a wide
input range of 4.5V to 30V. A high power step-up con-
verter, a lower power step-up converter and an inverting
converter provide the three independent output voltages:
AVDD, VON and VOFF required by the LCD panel. A high-side
PNP provides delayed turn-on of the VON signal and can
handle up to 30mA. Protection circuitry ensures that VON
is disabled if any of the four outputs are more than 10%
below the programmed voltage.
n Automotive TFT-LCD Displays
n Large TFT-LCD Desktop Monitors
n Flat Panel Televisions
n 4.5V to 30V Input Voltage Range
n Four Integrated Switches: 2.2A Buck, 1.5A Boost,
0.25A Boost, 0.25A Inverter (Guaranteed Minimum
Current Limit)
n External NPN LDO Driver
n Fixed Frequency, Low Noise Outputs
n Inductor Current Sense for Buck
n Soft-Start for All Outputs
n Externally Programmable VON Delay
n Three Integrated Schottky Diodes
n
PGOOD Pin for AVDD Output Disconnect
n PanelProtectTM Circuitry Disables VON Upon Fault
n Thermally Enhanced 38-Lead 5mm
× 7mm QFN
Package
Start-Up Waveforms
AVDD 10V/DIV
RUN/SS 2V/DIV
VLOGIC 5V/DIV
IIN(AVG) 1A/DIV
VOFF 10V/DIV
VE3 20V/DIV
VON 20V/DIV
5ms/DIV
3513 TA01b
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
PanelProtect is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
VC1
7.5k
4.7k
2.7nF
4.7nF
10μF
VLDO
3.3V
0.5A
VLOGIC
5V
0.5A
VOFF
–10V
20mA
VIN
8V TO 16V
22μF
4.7μH
0.22μF
47nF
15nF
15nF
15nF
VON
22V
20mA
2.2μF
VC3
30k
165k
232k
10k
1.5nF
VC2
VC1
GND
13k
2.2nF
VC4
VIN
VLOGIC
5V
LDOPWR
LT3513
UVLO
SW2
2.2μF
FB5
FB3
BD
FB1
SENSE–
SENSE+
SW1
BOOST
BIAS
SW3
6.8μH
42.2k
10k
30.1k
10k
69.8k
10μH
0.47μF
10k
60.4k
178k
53.6k
100k
10k
10μF
10μH
AVDD
8V
80mA
10μF
0.47μF
NFB4
D4
SW4
RUN-SS3/4
CT
RUN-SS2
RUN-SS1
VONSINK
E3
VON
VON_CLK
VON_CLK
PGOOD
FB2
VLOGIC
5V


Similar Part No. - 3513

ManufacturerPart #DatasheetDescription
logo
Lumberg
3513 LUMBERG-3513 Datasheet
109Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513 Datasheet
351Kb / 11P
PC POWER SUPPLY SUPERVISOR
logo
List of Unclassifed Man...
3513 ETC2-3513 Datasheet
115Kb / 1P
.250 (6.4) DIAMETER FUSE CLIPS
logo
Lumberg
3513 LUMBERG-3513 Datasheet
517Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
More results

Similar Description - 3513

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1943 LINER-LT1943 Datasheet
279Kb / 12P
High Current Quad Output Regulator for TFT LCD Panels
logo
Toshiba Semiconductor
T6L37A TOSHIBA-T6L37A Datasheet
258Kb / 15P
Source Driver for TFT LCD Panels
JBT6K47-AS TOSHIBA-JBT6K47-AS Datasheet
231Kb / 22P
Source Driver for TFT LCD Panels
JBT6L77-AS TOSHIBA-JBT6L77-AS Datasheet
222Kb / 20P
Source Driver for TFT LCD Panels
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
Gate Driver for TFT LCD Panels
logo
Linear Technology
LT1943 LINER-LT1943_1 Datasheet
271Kb / 20P
High Current Quad Output Regulator for TFT LCD Panels
LT1943 LINER-LT1943_15 Datasheet
277Kb / 20P
High Current Quad Output Regulator for TFT LCD Panels
LT3513 LINER-LT3513_15 Datasheet
384Kb / 22P
2MHz High Current 5-Output Regulator for TFT-LCD Panels
logo
Richtek Technology Corp...
RT6908 RICHTEK-RT6908 Datasheet
429Kb / 22P
PMIC for TFT LCD TV Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com