Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513 Datasheet(PDF) 18 Page - Linear Technology

Part # 3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3513 Datasheet(HTML) 18 Page - Linear Technology

Back Button 3513 Datasheet HTML 12Page - Linear Technology 3513 Datasheet HTML 13Page - Linear Technology 3513 Datasheet HTML 14Page - Linear Technology 3513 Datasheet HTML 15Page - Linear Technology 3513 Datasheet HTML 16Page - Linear Technology 3513 Datasheet HTML 17Page - Linear Technology 3513 Datasheet HTML 18Page - Linear Technology 3513 Datasheet HTML 19Page - Linear Technology 3513 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LT3513
18
3513fa
Printed Circuit Board Layout
For proper operation and minimum EMI, care must be
taken during printed circuit board (PCB) layout. Figure 3
shows the high current paths in the step-down regula-
tor circuit. Note that in the step-down regulators, large,
switched currents flow in the power switch, the catch
diode and the input capacitor. In the step-up regulators,
large, switched currents flow through the power switch,
the switching diode and the output capacitor. In SEPIC and
inverting regulators, the switched currents flow through
the power switch, the switching diode and the tank capaci-
tor. The loop formed by the components in the switched
current path should be as small as possible. Place these
components, along with the inductor and output capacitor,
on the same side of the circuit board, and connect them
on that layer. Place a local, unbroken ground plane below
these components, and tie this ground plane to system
ground at one location, ideally at the ground terminal of
the output capacitor C2. Additionally, keep the SW and
BOOST nodes as small as possible.
Thermal Considerations
The PCB must provide heat sinking to keep the LT3513
cool. The Exposed Pad on the bottom of the package must
be soldered to a ground plane. This ground should be tied
to other copper layers below with thermal vias; these lay-
ers will spread the heat dissipated by the LT3513. Place
additional vias near the catch diodes. Adding more copper
to the top and bottom layers and tying this copper to the
internal planes with vias can reduce thermal resistance
further. With these steps, the thermal resistance from die
(or junction) to ambient can be reduced to
θJA = 25°C
or less. With 100LFPM airflow, this resistance can fall
by another 25%. Further increases in airflow will lead to
lower thermal resistance.
VIN
SW
GND
(3a)
VIN
VSW
C1
D1
C2
3519 F03
L1
SW
GND
(3c)
VIN
SW
GND
(3b)
IC1
Figure 3. Subtracting the Current When the Switch is On (3a)
from the Current When the Switch is Off (3b) Reveals the Path of
the High Frequency Switching Current (3c) Keep this Loop Small.
The Voltage on the SW and BOOST Nodes will Also be Switched;
Keep These Nodes as Small as Possible. Finally, Make Sure The
Circuit is Shielded with a Local Ground Plane
Figure 4. Topside PCB Layout
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com