Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513 Datasheet(PDF) 12 Page - Linear Technology

Part # 3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3513 Datasheet(HTML) 12 Page - Linear Technology

Back Button 3513 Datasheet HTML 8Page - Linear Technology 3513 Datasheet HTML 9Page - Linear Technology 3513 Datasheet HTML 10Page - Linear Technology 3513 Datasheet HTML 11Page - Linear Technology 3513 Datasheet HTML 12Page - Linear Technology 3513 Datasheet HTML 13Page - Linear Technology 3513 Datasheet HTML 14Page - Linear Technology 3513 Datasheet HTML 15Page - Linear Technology 3513 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT3513
12
3513fa
All four switchers employ a constant-frequency current
mode control scheme. Switcher 1, the step-down regula-
tor, differs slightly from the others with inductor current
sense. Instead of monitoring the current at the switch,
current nodes are used to measure the current through
the inductor. Inductor current sense does not suffer from
minimum on-time problems, therefore always keep-
ing the switch current limited with any input-to-output
voltage ratio. Switcher 1 is always synchronized to the
master oscillator. The other three switchers each have
their own slave oscillator. The slave oscillator reduces the
frequency when the feedback voltage dips below 0.75V
and decreases linearly below the threshold as shown in
the Performance Characteristics’ Frequency Foldback plot.
Other than these two differences, the control loop is similar
in all four switchers. A pulse from the master oscillator
for switcher 1 or a pulse from the slave oscillator for the
other three switchers sets the RS latch and turns on the
internal NPN bipolar power switch. Current in the switch
and the external inductor begins to increase. When this
current exceeds a level determined by the voltage at VC, the
current comparator resets the latch, turning off the switch.
The current in the inductor flows through the Schottky
diode and begins to decrease. The cycle begins again at
the next pulse from the oscillator. In this way, the voltage
on the VC pin controls the current through the inductor to
the output. The internal error amplifier regulates the output
by continually adjusting the VC pin voltage. The threshold
for switching on the VC pin is 0.8V, and an active clamp
of 1.8V limits the VC voltage. Switchers 2, 3 and 4 also
contain an independent current limit not dependent on VC
or duty cycle. Switcher 1’s current limit is controlled by
the VC voltage and varies with duty cycle. All four switch-
ers also use slope compensation to ensure stability with
the current mode scheme at duty cycles above 50%. The
RUN-SS1, RUN-SS2 and RUN-SS3/4 pins control the rate
of rise of the feedback pins.
The switch driver for SW1 operates either from VIN or from
the BOOST pin. An external capacitor and an integrated
Schottky diode are used to generate a voltage at the BOOST
pin that is higher than the input supply. This allows the
driver to saturate the internal bipolar NPN power switch
for efficient operation.
INPUT VOLTAGE RANGE STEP-DOWN CONSIDERATION
The minimum operating voltage of switcher 1 is determined
either by the LT3513’s undervoltage lockout of ~4V or by
its maximum duty cycle. A user defined undervoltage
lockout may be set with the UVLO pin at a voltage higher
than the internal undervoltage lockout. The duty cycle is
the fraction of time that the internal switch is on and is
determined by the input and output voltages:
DC
VV
VV
V
OUT
F
IN
SW
F
=
+
+
–
where VF is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.3V at maximum load). This leads to a minimum input
voltage of:
V
VV
DC
V
V
IN MIN
OUT
F
MAX
F
SW
()
–
=
+
+
with DCMAX = 0.75.
The user defined undervoltage is set by a resistor divider
connected to the UVLO pin. The comparator pulls 3μA
from the pin when the UVLO pin is higher than 1.25V.
The hysteresis and minimum input voltage equations are
as follows:
VR
k
µA
VV
RR
R
HYS
IN MIN
=+
()
=
+
22
3 9
125
12
1
•.
.
()
R2
R1
UVLO
3513 A1
VIN
38
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com