Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513 Datasheet(PDF) 4 Page - Linear Technology

Part # 3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3513 Datasheet(HTML) 4 Page - Linear Technology

  3513 Datasheet HTML 1Page - Linear Technology 3513 Datasheet HTML 2Page - Linear Technology 3513 Datasheet HTML 3Page - Linear Technology 3513 Datasheet HTML 4Page - Linear Technology 3513 Datasheet HTML 5Page - Linear Technology 3513 Datasheet HTML 6Page - Linear Technology 3513 Datasheet HTML 7Page - Linear Technology 3513 Datasheet HTML 8Page - Linear Technology 3513 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3513
4
3513fa
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch 3 (250mA BOOST)
FB3 Voltage
●
1.20
1.19
1.22
1.24
1.25
V
V
FB3 Voltage Line Regulation
4.5V < VIN < 32V
0.01
0.03
%/V
FB3 Pin Bias Current
(Note 4)
●
30
200
nA
Error Amplifier 3 Voltage Gain
250
V/V
Error Amplifier 3 Transconductance
ΔI = 10μA
220
μmhos
Switch 3 Current Limit
0.25
0.3
0.38
A
Switch 3 VCESAT
ISW3 = 0.2A
200
mV
Switch 3 Leakage Current
FB3 = 1.5V
0.1
1
μA
BIAS Pin Current Due to SW3
ISW3 = 0.2A
18
mA
Maximum Duty Cycle (SW3)
●
84
88
%
Schottky Diode Drop
I = 170mA
900
mV
Switch 4 (250mA Inverter)
NFB4 Voltage
●
–1.205
–1.215
–1.180
–1.155
–1.145
V
V
NFB4 Voltage Line Regulation
4.5V < VIN < 32V
0.01
0.03
%/V
NFB4 Pin Bias Current
(Note 4)
●
516
μA
Error Amplifier 4 Voltage Gain
200
V/V
Error Amplifier 4 Transconductance
ΔI = 10μA
220
μmhos
Switch 4 Current Limit
0.28
0.3
0.40
A
Switch 4 VCESAT
ISW4 = 0.2A
200
mV
Switch 4 Leakage Current
NFB4 = –1.5V
0.1
1
μA
BIAS Pin Current Due to SW4
ISW4 = 0.2A
18
mA
Maximum Duty Cycle (SW4)
84
88
%
Schottky Diode Drop (D4)
I = 170mA
700
mV
NPN LDO
FB5 Voltage
●
0.61
0.6
0.625
0.63
0.65
V
V
Base Drive Current
FB5 = 0.5V
6
8
10
mA
LDOPWR Minimum Voltage
BD = 3.5V
4.5
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3513E is guaranteed to meet specified performance from
0°C to 125°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3513I is guarenteed over the full –40°C to 125°C operating junction
temperature range.
Note 3: The CT pin is held low until FB1, FB2, FB3 and NFB4 all ramp
above the FB threshold offset.
Note 4: Current flows out of FB1, FB2, FB3 and NFB4.
Note 5: Current limit is guaranteed by design and/or correlation to static
test. Slope compensation reduces current limit at higher duty cycles.
Note 6: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 7: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
range when overtemperature protection is active. Continuous operation
above the specified maximum operating junction temperature may impair
device reliability.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, BIAS = 3V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com