Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFDW Datasheet(PDF) 11 Page - Linear Technology

Part # LFDW
Description  1A Micropower Step-Down
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LFDW Datasheet(HTML) 11 Page - Linear Technology

Back Button LFDW Datasheet HTML 7Page - Linear Technology LFDW Datasheet HTML 8Page - Linear Technology LFDW Datasheet HTML 9Page - Linear Technology LFDW Datasheet HTML 10Page - Linear Technology LFDW Datasheet HTML 11Page - Linear Technology LFDW Datasheet HTML 12Page - Linear Technology LFDW Datasheet HTML 13Page - Linear Technology LFDW Datasheet HTML 14Page - Linear Technology LFDW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3682
11
3682f
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistor
values according to:
RR
V
V
OUT
12
0 8
1
=−
⎛
⎝⎜
⎞
⎠⎟
.
Reference designators refer to the Block Diagram. 1%
resistors are recommended to maintain output voltage
accuracy.
Setting the Switching Frequency
The LT3682 uses a constant frequency PWM architecture
that can be programmed to switch from 250kHz to 2.2MHz
by using a resistor tied from the RT pin to ground. A table
showing the necessary RT value for a desired switching
frequency is in Figure 1.
SWITCHING FREQUENCY (MHz)
RT VALUE (kΩ)
0.25
158
0.3
127
0.4
90.9
0.5
71.5
0.6
57.6
0.7
47.5
0.8
40.2
0.9
34
1.0
29.4
1.2
22.6
1.4
18.2
1.6
14.7
1.8
12.1
2.0
9.76
2.2
8.06
Figure 1. Switching Frequency vs. RT Value
Operating Frequency Tradeoffs
Selection of the operating frequency is a tradeoff between
efficiency, component size, minimum dropout voltage, and
maximum input voltage. The advantage of high frequency
operation is that smaller inductor and capacitor values may
be used. The disadvantages are lower efficiency, lower
maximum input voltage, and higher dropout voltage. The
highest acceptable switching frequency (fSW(MAX)) for a
given application can be calculated as follows:
f
VV
tV
V
V
SW MAX
OUT
D
ON MIN
IN
SW
D
()
()()
=
+
−+
where VIN is the typical input voltage, VOUT is the output
voltage, VD is the catch diode drop (~0.5V) and VSW is the
internal switch drop (~0.5V at max load). This equation
shows that slower switching frequency is necessary to
safely accommodate high VIN/VOUT ratio. Also, as shown
in the Input Voltage Range section, lower frequency allows
a lower dropout voltage. Input voltage range depends on
the switching frequency because the LT3682 switch has
finite minimum on and off times. An internal timer forces
the switch to be off for at least tOFF(MIN) per cycle; This
timer has a maximum value of 210ns over temp. On the
other hand, delays associated with turning off the power
switch dictate the minimum on time tON(MIN) before the
switch can be turned off; tON(MIN) has a maximum value
of 150ns over temp. The minimum and maximum duty
cycles that can be achieved taking minimum on and off
times into account are:
DC
f
t
DC
f
t
MIN
SW ON MIN
MAX
SW OFF MIN
=
=−
()
()
1
where fSW is the switching frequency, the tON(MIN) is the
minimum switch on time (150ns), and the tOFF(MIN) is the
minimum switch off time (210ns). These equations show
that duty cycle range increases when switching frequency
is decreased.
Agoodchoiceofswitchingfrequencyshouldallowadequate
input voltage range (see Input Voltage Range section) and
keep the inductor and capacitor values small.
Input Voltage Range
The minimum input voltage is determined by either the
LT3682’s minimum operating voltage of ~3.6V (VBD > 3V)
or by its maximum duty cycle (see equation in Operating
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com