Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFDW Datasheet(PDF) 2 Page - Linear Technology

Part # LFDW
Description  1A Micropower Step-Down
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LFDW Datasheet(HTML) 2 Page - Linear Technology

  LFDW Datasheet HTML 1Page - Linear Technology LFDW Datasheet HTML 2Page - Linear Technology LFDW Datasheet HTML 3Page - Linear Technology LFDW Datasheet HTML 4Page - Linear Technology LFDW Datasheet HTML 5Page - Linear Technology LFDW Datasheet HTML 6Page - Linear Technology LFDW Datasheet HTML 7Page - Linear Technology LFDW Datasheet HTML 8Page - Linear Technology LFDW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3682
2
3682f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, RUN/SS Voltage (Note 2) …….…………….....60V
BOOST Pin Voltage …………………………..…….50V
BOOST Pin Above SW Pin …………………..……..30V
FB, RT, VC Voltage ......................................................5V
SYNC …………………………….………….……. 20V
BD and PG Voltage ..…….………………..………..30V
Operating Junction Temperature Range (Notes 3 and 6)
LT3682E ……………….…………...
−40°C to 125°C
LT3682I …………………………….
−40°C to 125°C
Storage Temperature Range …………..
−65°C to 150°C
(Note 1)
TOP VIEW
DD PACKAGE
12-LEAD (3mm
3mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
VIN
SYNC
RT
RUN/SS
SW
DA
VC
FB
PG
GND
BD
BOOST 6
7
13
θJA = 43°C/W
EXPOSED PAD (PIN 13) IS PGND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3682EDD#PBF
LT3682EDD#TRPBF
LFDW
12-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3682IDD#PBF
LT3682IDD#TRPBF
LFDW
12-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
VBD = 3.3V
VBD < 3.0V
l
l
3.4
3.4
3.6
4.3
V
V
VIN Overvoltage Lockout
l
36
39
41
V
Quiescent Current from VIN
VRUN/SS = 0.2V
VRUN/SS = 10V, VBD = 3.3V, Not Switching
VRUN/SS = 10V, VBD = 0V, Not Switching
l
0.01
35
90
0.5
60
160
μA
μA
μA
Quiescent Current from BD Pin
VRUN/SS = 0.2V
VRUN/SS = 10V, VBD = 3.3V, Not Switching
VRUN/SS = 10V, VBD = 0V, Not Switching
l
0.01
55
0
0.5
100
5
μA
μA
μA
Minimum BD Pin Voltage
2.8
3
V
Feedback Voltage
l
792
780
800
800
808
812
mV
mV
FB Pin Bias Current (Note 4)
FB Pin Voltage = 800mV
l
580
nA
FB Voltage Line Regulation
3.6V < VIN < 36V
0.001
0.005
%/V
Error Amp gm
IVC = ±1.5μA
430
μS
Error Amp Voltage Gain
1300
V/V
The
l denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C, VIN = 10V, VRUN/SS = 10V, VBD = 3.3V unless otherwise noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com