Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFDW Datasheet(PDF) 3 Page - Linear Technology

Part # LFDW
Description  1A Micropower Step-Down
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LFDW Datasheet(HTML) 3 Page - Linear Technology

  LFDW Datasheet HTML 1Page - Linear Technology LFDW Datasheet HTML 2Page - Linear Technology LFDW Datasheet HTML 3Page - Linear Technology LFDW Datasheet HTML 4Page - Linear Technology LFDW Datasheet HTML 5Page - Linear Technology LFDW Datasheet HTML 6Page - Linear Technology LFDW Datasheet HTML 7Page - Linear Technology LFDW Datasheet HTML 8Page - Linear Technology LFDW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3682
3
3682f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect the device
reliability and lifetime.
Note 2: Absolute Maximum Voltage at VIN and RUN/SS pins is 60V for
nonrepetitive 1 second transients, and 36V for continuous operation.
Note 3: The LT3682E is guaranteed to meet performance specifications from
0°C to 125°C junction temperature. Specifications over the
−40°C to 125°C
operating junction temperature range are assured by design, characterization
and correlation with statistical process controls. The LT3682I is guaranteed
over the full
−40°C to 125°C operating junction temperature range.
The
l denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C, VIN = 10V, VRUN/SS = 10V, VBD = 3.3V unless otherwise noted. (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VC Source Current
50
μA
VC Sink Current
50
μA
VC Pin to Switch Current Gain
1.25
A/V
VC Switching Threshold
0.5
0.6
0.7
V
VC Clamp Voltage
2V
Switching Frequency
RRT = 8.06kΩ
RRT = 29.4kΩ
RRT = 158kΩ
1.98
0.9
225
2.2
1
250
2.42
1.1
275
MHz
MHz
kHz
Minimum Switch Off-Time
l
130
210
ns
Switch Current Limit (Note 7)
SYNC = 0V
SYNC = 3.3V or Clocked
1.45
1.18
1.7
1.4
2
1.66
A
A
Switch VCESAT
ISW = 1A
460
mV
DA Pin Current to Stop OSC
1.25
1.6
1.95
A
Switch Leakage Current
VSW = 0V, VIN = 60V
0.01
1
μA
Boost Schottky Diode Voltage Drop
IBSD = 50mA
720
850
mV
Boost Schottky Diode Reverse Leakage
VSW = 10V, VBD = 0
0.1
1
μA
Minimum Boost Voltage (Note 5)
l
1.7
2.5
V
BOOST Pin Current
ISW = 0.5A
10.5
17.5
mA
RUN/SS Pin Current
VRUN/SS = 10V
12
20
μA
RUN/SS Input Voltage High
2.5
V
RUN/SS Input Voltage Low
0.2
V
PG Leakage Current
VPG = 5V
0.1
1
μA
PG Sink Current
VPG = 0.4V
l
100
1000
μA
PG Threshold as % of VFB
Measured at FB pin. FB Pin Voltage Rising
88%
90%
92%
V
PG Threshold Hysteresis
Measured at FB Pin
12
mV
SYNC Threshold Voltage
300
550
800
mV
SYNC Input Frequency
0.3
2.2
MHz
Note 4: Bias current flows out of the FB pin.
Note 5: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the switch.
Note 6: This IC includes over-temperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when over-temperature protection is active. Continuous operation above
the specified maximum operating junction temperature may impair device
reliability.
Note 7: Current limit guaranteed by design and/or correlation to static test.
Slope compensation reduces current limit at higher duty cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com