Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFDW Datasheet(PDF) 13 Page - Linear Technology

Part # LFDW
Description  1A Micropower Step-Down
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LFDW Datasheet(HTML) 13 Page - Linear Technology

Back Button LFDW Datasheet HTML 9Page - Linear Technology LFDW Datasheet HTML 10Page - Linear Technology LFDW Datasheet HTML 11Page - Linear Technology LFDW Datasheet HTML 12Page - Linear Technology LFDW Datasheet HTML 13Page - Linear Technology LFDW Datasheet HTML 14Page - Linear Technology LFDW Datasheet HTML 15Page - Linear Technology LFDW Datasheet HTML 16Page - Linear Technology LFDW Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3682
13
3682f
where fSW is the switching frequency in MHz, VOUT is the
output voltage, VD is the catch diode drop (~0.5V) and L
is the inductor value in μH.
The inductor’s RMS current rating must be greater than the
maximum load current and its saturation current should be
about 30% higher. To keep the efficiency high, the series
resistance (DCR) should be less than 0.1Ω, and the core
material should be intended for high frequency applications.
Table 1 lists several vendors and suitable types.
For robust operation in fault conditions (start-up or short
circuit) and high input voltage (>30V), the saturation
current should be chosen high enough to ensure that the
inductor peak current does not exceed 3.5A. For example,
an application running from an input voltage of 36V us-
ing a 10μH inductor with a saturation current of 2.5A will
tolerate the mentioned fault conditions.
The optimum inductor for a given application may differ
from the one indicated by this simple design guide. A larger
value inductor provides a higher maximum load current and
reduces the output voltage ripple. If your load is lower than
the maximum load current, then you can relax the value of
the inductor and operate with higher ripple current. This
allows you to use a physically smaller inductor, or one with
a lower DCR resulting in higher efficiency. Be aware that
if the inductance differs from the simple rule above, then
the maximum load current will depend on input voltage.
In addition, low inductance may result in discontinuous
mode operation, which further reduces maximum load
current. For details of maximum output current and
discontinuous mode operation, see Linear Technology’s
Application Note 44. Finally, for duty cycles greater than
50% (VOUT/VIN > 0.5), a minimum inductance is required
to avoid sub-harmonic oscillations:
LV
V
f
MIN
OUT
D
SW
=+
() •
.
12
The current in the inductor is a triangle wave with an av-
erage value equal to the load current. The peak inductor
and switch current is:
II
I
I
SW PEAK
L PEAK
OUT MAX
L
()
()
(
)
==
+
Δ
2
where IL(PEAK) is the peak inductor current, IOUT(MAX) is
the maximum output load current, and
ΔIL is the induc-
tor ripple current. The LT3682 limits its switch current in
order to protect itself and the system from overload faults.
Therefore, the maximum output current that the LT3682 will
deliver depends on the switch current limit, the inductor
value and the input and output voltages.
When the switch is off, the potential across the inductor
is the output voltage plus the catch diode drop. This gives
the peak-to-peak ripple current in the inductor:
ΔI
DC
V
V
Lf
L
OUT
D
SW
=
−+
() •(
)
•
1
where fSW is the switching frequency of the LT3682, DC
is the duty cycle and L is the value of the inductor.
To maintain output regulation, the inductor peak current
must be less than the LT3682’s switch current limit ILIM.
If SYNC pin is grounded ILIM is at least 1.45A at low duty
cycles and decreases to 1.1A at DC = 90%. If SYNC pin
is tied to 0.8V or more or if it is tied to a clock source for
synchronization ILIM is at least 1.18A at low duty cycles
and decreases to 0.85A at DC = 90%. The maximum output
current is also a function of the chosen inductor value
and can be approximated by the following expressions
depending on the SYNC pin configuration:
For SYNC pin grounded:
II
I
ADC
I
OUT MAX
LIM
LL
()
.•(
.
•
)
=−
=
−
−
ΔΔ
2
145
1 024
2
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com