Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFDW Datasheet(PDF) 12 Page - Linear Technology

Part # LFDW
Description  1A Micropower Step-Down
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LFDW Datasheet(HTML) 12 Page - Linear Technology

Back Button LFDW Datasheet HTML 8Page - Linear Technology LFDW Datasheet HTML 9Page - Linear Technology LFDW Datasheet HTML 10Page - Linear Technology LFDW Datasheet HTML 11Page - Linear Technology LFDW Datasheet HTML 12Page - Linear Technology LFDW Datasheet HTML 13Page - Linear Technology LFDW Datasheet HTML 14Page - Linear Technology LFDW Datasheet HTML 15Page - Linear Technology LFDW Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT3682
12
3682f
APPLICATIONS INFORMATION
Frequency Tradeoffs section). The minimum input voltage
due to duty cycle is:
V
VV
ft
VV
IN MIN
OUT
D
SW OFF MIN
DSW
()
()
=
+
−
−+
1
where VIN(MIN) is the minimum input voltage, and tOFF(MIN)
is the minimum switch off time (210ns). Note that higher
switching frequency will increase the minimum input
voltage. If a lower dropout voltage is desired, a lower
switching frequency should be used.
The maximum input voltage for LT3682 applications
depends on switching frequency, the Absolute Maximum
Ratings of the VIN and BOOST pins, and the operating
mode. The LT3682 can operate from continuous input
voltages up to 36V. Input voltage transients of up to
60V are also safely withstood. However, note that while
VIN>VOVLO (39V typical), the LT3682 will stop switching,
allowing the output to fall out of regulation.
For a given application where the switching frequency
and the output voltage are already fixed, the maximum
input voltage that guarantees optimum output voltage
ripple for that application can be found by applying the
following expression:
V
VV
ft
VV
IN MAX
D
OUT
SW ON MIN
DSW
()
()
=
+
−+
where VIN(MAX) is the maximum operating input voltage,
VOUT is the output voltage, VD is the catch diode drop
(~0.5V), VSWistheinternalswitchdrop(~0.5Vatmaxload),
fSW is the switching frequency (set by RT), and tON(MIN) is
the minimum switch on time (~150ns). Note that a higher
switching frequency will reduce the maximum operating
input voltage. Conversely, a lower switching frequency
will be necessary to achieve optimum operation at high
input voltages.
Special attention must be paid when the output is in start-
up, short-circuit, or other overload conditions. In these
cases, the LT3682 tries to bring the output in regulation by
driving lots of current into the output load. During these
events, the inductor peak current might easily reach and
even exceed the maximum current limit of the LT3682,
especially in those cases where the switch already operates
at minimum on time. The circuitry monitoring the current
through the catch diode via the DA pin prevents the switch
from turning on again if the inductor valley current is above
1.6A nominal. In these cases, the inductor peak current is
therefore the maximum current limit of the LT3682 plus
the additional current overshoot during the turn off delay
due to minimum on time:
IA
VV
L
t
LPEAK
IN MAX
OUTOL
ON MIN
()
()
()
•
=+
−
2
where IL(PEAK) is the peak inductor current, VIN(MAX) is
the maximum expected input voltage, L is the inductor
value, tON(MIN) is the minimum on time and VOUTOL is the
output voltage under the overload condition. The part is
robust enough to survive prolonged operation under these
conditions as long as the peak inductor current does not
exceed 3.5A. Inductor current saturation and excessive
junction temperature may further limit performance.
If the output is in regulation and no short-circuit, startup,
or overload events are expected, then input voltage tran-
sients of up to VOVLO are acceptable regardless of the
switching frequency. In this case, the LT3682 may enter
pulse skipping operation where some switching pulses
are skipped to maintain output regulation. In this mode
the output voltage ripple and inductor current ripple will
be higher than in normal operation.
Input voltage transients above VOVLO and up to 60V can
be tolerated. However, since the part will stop switching
during these transients, the output will fall out of regulation
and the output capacitor may eventually be completely
discharged. This case must be treated then as a start-up
condition as soon as VIN returns to values below VOVLO
and the part starts switching again.
Inductor Selection and Maximum Output Current
A good first choice for the inductor value is:
LV
V
f
OUT
D
SW
=+
() •
.
1 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com