Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFDW Datasheet(PDF) 5 Page - Linear Technology

Part # LFDW
Description  1A Micropower Step-Down
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LFDW Datasheet(HTML) 5 Page - Linear Technology

  LFDW Datasheet HTML 1Page - Linear Technology LFDW Datasheet HTML 2Page - Linear Technology LFDW Datasheet HTML 3Page - Linear Technology LFDW Datasheet HTML 4Page - Linear Technology LFDW Datasheet HTML 5Page - Linear Technology LFDW Datasheet HTML 6Page - Linear Technology LFDW Datasheet HTML 7Page - Linear Technology LFDW Datasheet HTML 8Page - Linear Technology LFDW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT3682
5
3682f
DUTY CYCLE (%)
0
1.3
1.1
1.5
1.7
100
3682 G10
0.7
0.9
0.5
20
40
60
80
1.9
SYNC < 0.3V
SYNC > 0.8V
OR CLOCKED
TEMPERATURE (°C)
50
1.3
1.1
0.9
1.7
1.5
125
3682 G11
0.7
0.5
25
0
25
75
100
50
1.9
DC = 90%
DC = 10%
SWITCH CURRENT (A)
0
400
500
300
600
1.25
3682 G12
100
200
0
0.25
0.5
0.75
1
700
SWITCH CURRENT (A)
0
20
25
15
10
30
1.25
3682 G13
5
0
0.25
0.5
0.75
1
35
TEMPERATURE(°C)
50
800
3682 G14
790
780
770
25
0
25
50
100
125
75
810
TEMPERATURE(°C)
50
1.05
1.10
1.15
3682 G15
1
0.95
0.90
0.85
0.80
25
0
25
50
100
125
75
1.20
RRT = 29.4k
FB PIN VOLTAGE (mV)
0
1000
900
3682 G16
800
600
400
200
0
100 200 300 400
600 700 800
500
1200
RRT = 29.4k
TEMPERATURE (°C)
100
80
120
3682 G17
40
20
60
0
50
25
0
25
50
100
125
75
RUN/SS PIN VOLTAGE (V)
0
1.4
0.8
1
1.2
1.6
1.8
3.5
3682 G18
0.4
0.2
0.6
0
0.5
1
1.5
2
3
2.5
2
Boost Pin Current
Feedback Voltage
Switching Frequency
Frequency Foldback
Minimum Switch On-Time
Soft-Start
Switch Current Limit
Switch Current Limit
(SYNC Pin Grounded)
Switch Voltage Drop
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com