Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFDW Datasheet(PDF) 1 Page - Linear Technology

Part # LFDW
Description  1A Micropower Step-Down
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LFDW Datasheet(HTML) 1 Page - Linear Technology

  LFDW Datasheet HTML 1Page - Linear Technology LFDW Datasheet HTML 2Page - Linear Technology LFDW Datasheet HTML 3Page - Linear Technology LFDW Datasheet HTML 4Page - Linear Technology LFDW Datasheet HTML 5Page - Linear Technology LFDW Datasheet HTML 6Page - Linear Technology LFDW Datasheet HTML 7Page - Linear Technology LFDW Datasheet HTML 8Page - Linear Technology LFDW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3682
1
3682f
TYPICAL APPLICATION
DESCRIPTION
1A Micropower Step-Down
Switching Regulator
The LT
®3682 is an adjustable frequency (250kHz to
2.2MHz) monolithic buck switching regulator that accepts
input voltages up to 36V. A high efficiency 0.5Ω switch is
included on the device along with a boost diode and the
necessary oscillator, control, and logic circuitry. Current
mode topology is used for fast transient response and good
loop stability. A SYNC pin allows the user to synchronize the
part to an external clock, and to choose between Low Ripple
Burst Mode operation and standard PWM operation.
The Low Ripple Burst Mode maintains high efficiency at
low output currents while keeping output ripple below
15mV in typical applications. Shutdown reduces input
supply current to less than 1μA while a resistor and
capacitor on the RUN/SS pin provide a controlled output
voltage ramp (soft-start). A power good flag signals when
VOUT reaches 90% of the programmed output voltage.
Protection circuitry senses the current in the power switch
and external Schottky catch diode to protect the LT3682
against short-circuit conditions. Frequency foldback and
thermal shutdown provide additional protection.
The LT3682 is available in a 12-Pin 3mm
× 3mm DFN with
exposed pad for low thermal resistance.
5V Step-Down Converter
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Burst Mode
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
FEATURES
APPLICATIONS
n Automotive Battery Regulation
n Automotive Entertainment Systems
n Industrial Supplies
n Power for Portable Products
n Distributed Supply Regulation
n Wide Input Range:
Operation from 3.6V to 36V
Overvoltage Lockout Protects Circuits through
60V Transients
n 1A Output Current
n Low Ripple Burst Mode
® Operation
IQ = 75μA at 12VIN to 3.3VOUT
Output Ripple < 15mVP-P
n Adjustable Switching Frequency: 250kHz to 2.2MHz
n Short-Circuit Protected
n Synchronizable Between 300kHz and 2.2MHz
n 0.8V Feedback Reference Voltage
n Output Voltage 0.8V to 20V
n Soft-Start Capability
n Power Good Flag
n Small 12-Pin Thermally Enhanced 3mm
× 3mm
DFN Package
Efficiency
VIN
6.9V TO 36V
TRANSIENT TO 60V
VOUT
5V
0.9A, VIN 6.9V
1A, VIN 12V
2.2μF
16.2k
40.2k
470pF
102k
10μF
536k
0.22μF
10μH
3682 TA01
OFF
ON
VIN
BD
GND
PGND
LT3682
RUN/SS
VC
RT
SYNC
PG
BOOST
SW
DA
FB
f = 800kHz
LOAD CURRENT (A)
0
50
60
70
80
90
100
0.2
0.4
0.6
0.8
1
VOUT = 5V
VOUT = 3.3V
VIN = 12V
L = 10µH
f = 800 kHz
3682 TA01b


Similar Part No. - LFDW

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFD04013Z LITTELFUSE-LFD04013Z Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
LFD14003Z LITTELFUSE-LFD14003Z Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
logo
Murata Manufacturing Co...
LFD152G45MT1D824 MURATA1-LFD152G45MT1D824 Datasheet
190Kb / 3P
2.4/5GHz DIPLEXER
logo
Murata Manufacturing Co...
LFD152G45MU5D935 MURATA-LFD152G45MU5D935 Datasheet
162Kb / 2P
LC Diplexers
logo
Murata Manufacturing Co...
LFD152G45MU5D935 MURATA1-LFD152G45MU5D935 Datasheet
198Kb / 2P
DUAL BAND DIPLEXER
More results

Similar Description - LFDW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
Monolithic 1A Step-Down Regulator
August 10, 2005
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
Step-Down 1A LED Driver
LT3695 LINER-LT3695 Datasheet
304Kb / 28P
1A Fault Tolerant Micropower Step-Down Regulator
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
3MHz 1A Step-Down Converter
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
1A Micropower Step-Down Switching Regulator
LT3695 LINER-LT3695_15 Datasheet
501Kb / 30P
1A Fault Tolerant Micropower Step-Down Regulator
LT8631 LINER-LT8631 Datasheet
569Kb / 24P
100V, 1A Synchronous Micropower Step-Down Regulator
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com