Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFDW Datasheet(PDF) 6 Page - Linear Technology

Part # LFDW
Description  1A Micropower Step-Down
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LFDW Datasheet(HTML) 6 Page - Linear Technology

Back Button LFDW Datasheet HTML 2Page - Linear Technology LFDW Datasheet HTML 3Page - Linear Technology LFDW Datasheet HTML 4Page - Linear Technology LFDW Datasheet HTML 5Page - Linear Technology LFDW Datasheet HTML 6Page - Linear Technology LFDW Datasheet HTML 7Page - Linear Technology LFDW Datasheet HTML 8Page - Linear Technology LFDW Datasheet HTML 9Page - Linear Technology LFDW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3682
6
3682f
RUN/SS PIN VOLTAGE (V)
0
10
8
35
40
3682 G19
4
2
6
0
5
10
15
20
30
25
12
BOOST DIODE CURRENT (A)
0
1
0.8
1.2
1
3682 G20
0.4
0.2
0.6
0
0.25
0.5
0.75
1.4
FB PIN ERROR VOLTAGE (mV)
200
0
10
20
30
10
40
50
200
3682 G21
40
30
50
20
60
100
0
100
60
LOAD CURRENT (mA)
1
4
3.5
4.5
1000
3682 G22
2.5
3
2
10
100
5
VOUT = 3.3V
L = 10μH
f = 800kHz
LOAD CURRENT (mA)
1
5.5
5
6
1000
3682 G23
4.5
4
10
100
6.5
VOUT = 5V
L = 10μH
f = 800kHz
LOAD CURRENT(A)
0
30
35
1
3682 G24
20
25
15
10
5
0.1 0.2 0.3 0.4 0.5
0.7
0.9
0.8
0.6
40
TA = 85˚C
TA = 25˚C
VOUT = 3.3V
L = 10μH
f = 800kHz
SYNC = 3.3V
LOAD CURRENT(A)
3682 G25
0
30
35
1
20
25
15
10
5
0.1 0.2 0.3 0.4 0.5
0.7
0.9
0.8
0.6
40
TA = 85˚C
TA = 25˚C
VOUT = 5V
L = 10μH
f = 800kHz
SYNC = 5V
LOAD CURRENT(A)
3682 G26
0
30
35
1
20
25
15
10
5
0.1 0.2 0.3 0.4 0.5
0.7
0.9
0.8
0.6
40
TA = 85˚C
TA = 25˚C
VOUT = 5V
L = 4.7μH
f = 2MHz
SYNC =5V
TEMPERATURE(°C)
1.5
1
2
3682 G27
0.5
0
2.5
50
25
0
25
50
100
125
75
SWITCHING THRESHOLD
CURRENT LIMIT CLAMP
Minimum Input Voltage
Minimum Input Voltage
Maximum VIN for Full Frequency
Maximum VIN for Full Frequency
Maximum VIN for Full Frequency
VC Voltages
RUN/SS Pin Current
Boost Diode Forward Voltage
Error Amplifier Output Current
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com