Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFDW Datasheet(PDF) 4 Page - Linear Technology

Part # LFDW
Description  1A Micropower Step-Down
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LFDW Datasheet(HTML) 4 Page - Linear Technology

  LFDW Datasheet HTML 1Page - Linear Technology LFDW Datasheet HTML 2Page - Linear Technology LFDW Datasheet HTML 3Page - Linear Technology LFDW Datasheet HTML 4Page - Linear Technology LFDW Datasheet HTML 5Page - Linear Technology LFDW Datasheet HTML 6Page - Linear Technology LFDW Datasheet HTML 7Page - Linear Technology LFDW Datasheet HTML 8Page - Linear Technology LFDW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3682
4
3682f
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (mA)
0.1
60
70
40
50
80
1000
3682 G01
30
10
20
1
10
100
90
VIN = 12V
VIN = 34V
VIN = 24V
L = 10μH
f = 800kHz
LOAD CURRENT (mA)
3682 G02
0.1
60
70
40
50
80
1000
30
10
20
1
10
100
90
VIN = 12V
VIN = 34V
VIN = 24V
L = 10μH
f = 800kHz
LOAD CURRENT (mA)
0.1
70
60
80
90
1000
3682 G03
20
30
40
50
10
1
10
100
100
0.1
0.01
0.001
1
VIN = 12V
VOUT = 3.3V
L = 10μH
f = 800kHz
INPUT VOLTAGE(V)
0
80
60
100
40
3682 G04
20
40
0
5
10
15
20
30
35
25
120
VOUT = 3.3V
TEMPERATURE(°C)
50
700
600
500
800
900
3682 G05
400
300
200
100
0
25
0
25
50
100
125
75
1000
CATCH DIODE: DIODES, INC. B150
VIN = 12V
VOUT = 3.3V
INCREASED SUPPLY CURRENT
DUE TO CATCH DIODE LEAKAGE
AT HIGH TEMPERATURE
INPUT VOLTAGE (V)
05
1.25
1
0.75
1.5
40
3682 G06
0.5
0.25
10
15
20
30
35
25
1.75
TYPICAL
MINIMUM
VOUT = 3.3V
L = 10μH
f = 800kHz
SYNC = 0V
SYNC = 3.3V
INPUT VOLTAGE (V)
5
1
0.75
1.25
40
3682 G07
0.5
0.25
10
15
20
30
35
25
1.5
TYPICAL
MINIMUM
VOUT = 5V
L = 10μH
f = 800kHz
SYNC = 0V
SYNC = 5V
INPUT VOLTAGE (V)
8
1
1.25
20
3682 G08
0.5
0.75
0.25
10
12
14
16
18
1.5
TYPICAL
MINIMUM
VOUT = 5V
L = 4.7μH
f = 2MHz
SYNC = 0V
SYNC = 5V
INPUT VOLTAGE (V)
0
1.5
1.25
1.75
40
3682 G09
1
0.75
0.50
0.25
5
10
15
20
30
35
25
TYPICAL
MINIMUM
VOUT = 1.8V
L = 10μH
f = 500kHz
SYNC = 0V
SYNC = 3.3V
No Load Supply Current
No Load Supply Current
Maximum Load Current
Maximum Load Current
Maximum Load Current
Maximum Load Current
Efficiency (VOUT = 5V, SYNC = 0V)
Efficiency (VOUT = 3.3V, SYNC = 0V)
Efficiency (VOUT = 3.3V, SYNC = 0V)
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com