Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFDW Datasheet(PDF) 18 Page - Linear Technology

Part # LFDW
Description  1A Micropower Step-Down
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LFDW Datasheet(HTML) 18 Page - Linear Technology

Back Button LFDW Datasheet HTML 14Page - Linear Technology LFDW Datasheet HTML 15Page - Linear Technology LFDW Datasheet HTML 16Page - Linear Technology LFDW Datasheet HTML 17Page - Linear Technology LFDW Datasheet HTML 18Page - Linear Technology LFDW Datasheet HTML 19Page - Linear Technology LFDW Datasheet HTML 20Page - Linear Technology LFDW Datasheet HTML 21Page - Linear Technology LFDW Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT3682
18
3682f
APPLICATIONS INFORMATION
BOOST and BD Pin Considerations
Capacitor C3 and the internal boost Schottky diode (see
the Block Diagram) are used to generate a boost volt-
age that is higher than the input voltage. In most cases
a 0.22μF capacitor will work well. Figure 5 shows three
ways to arrange the boost circuit. The BOOST pin must
be more than 2.3V above the SW pin for best efficiency.
For outputs of between 3V and 8V, the standard circuit
(Figure 5a) is best. For outputs between 2.8V and 3V, use
a 1μF boost capacitor. A 2.5V output presents a special
case because it is marginally adequate to support the
boosted drive stage while using the internal boost diode.
For reliable BOOST pin operation with 2.5V outputs use
a good external Schottky diode (such as the ON Semi
MBR0540), and a 1μF boost capacitor (see Figure 5b).
For lower output voltages the boost diode can be tied to
the input (Figure 5c), or to another supply greater than
2.8V. Keep in mind that a minimum input voltage of 4.3V
is required if the voltage at the BD pin is smaller than 3V.
Tying BD to VIN reduces the maximum input voltage to
25V. The circuit in Figure 5a is more efficient because the
BOOST pin current and BD pin quiescent current come
from a lower voltage source. You must also be sure that
the maximum voltage ratings of the BOOST and BD pins
are not exceeded.
As mentioned, a minimum of 2.5V across the BOOST
capacitor is required for proper operation of the internal
BOOST circuitry to provide the base current for the power
NPN switch. For BD pin voltages higher than 3V, the excess
voltage across the BOOST capacitor does not bring an
increase in performance but dissipates additional power in
the internal BOOST circuitry instead. The BOOST circuitry
tolerates reasonable amounts of power, however excessive
power dissipation on this circuitry may impair reliability. For
reliable operation, use no more than 8V on the BD pin for
the circuit in Figure 5a. For higher output voltages, make
sure that there is no more than 8V at the BD pin either by
connecting it to another available supply higher than 3V or
by using a Zener diode between VOUT and BD to maintain
the BD pin voltage between 3V and 8V.
Figure 5. Three Circuits For Generating The Boost Voltage
(5a) For VOUT > 2.8V; VIN(MIN) = 4.3V if VOUT < 3V
LT3682
VIN
VOUT
VIN
BD
GND
SW
DA
BOOST
C3
D1
PGND
(5b) For 2.5V < VOUT < 2.8V; VIN(MIN) = 4.3V
(5c) For VOUT < 2.5V; VIN(MAX) = 25V
LT3682
VIN
VOUT
VIN
BD
GND
SW
DA
BOOST
C3
D1
D2
PGND
LT3682
VIN
VOUT
VIN
BD
GND
SW
DA
BOOST
C3
D1
PGND
3682 F05
The minimum operating voltage of an LT3682 applica-
tion is limited by the minimum input voltage and by the
maximum duty cycle as outlined previously. For proper
startup, the minimum input voltage is also limited by the
boost circuit. If the input voltage is ramped slowly, or the
LT3682 is turned on with its RUN/SS pin when the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com