Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1646IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1646IGN
Description  CompactPCI Dual Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1646IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1646IGN Datasheet HTML 5Page - Linear Technology LTC1646IGN Datasheet HTML 6Page - Linear Technology LTC1646IGN Datasheet HTML 7Page - Linear Technology LTC1646IGN Datasheet HTML 8Page - Linear Technology LTC1646IGN Datasheet HTML 9Page - Linear Technology LTC1646IGN Datasheet HTML 10Page - Linear Technology LTC1646IGN Datasheet HTML 11Page - Linear Technology LTC1646IGN Datasheet HTML 12Page - Linear Technology LTC1646IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC1646
9
1646fa
Hot Circuit Insertion
When a circuit board is inserted into a live CompactPCI
(CPCI) slot, the supply bypass capacitors on the board can
draw huge supply transient currents from the CPCI power
bus as they charge up. The transient currents can cause
glitches on the power bus, causing other boards in the
system to reset.
The LTC1646 is designed to turn a board’s supply voltages
on and off in a controlled manner, allowing the board to be
safely inserted or removed from a live CPCI slot without
glitching the system power supplies. The chip also pro-
tects the supplies from shorts, precharges the bus I/O pins
during insertion and extraction and monitors the supply
voltages.
BLOCK DIAGRA
TIMER 2
3VOUT
7
5VOUT
5
–
+
+–
Q2
Q3
200
µA
13
µA
GATE
5VOUT
55mV
150mV
VGG
10
5VSENSE
11
5VIN
12
–
+
+–
+–
2.5V
UVL
–
+
+–
3VOUT
55mV
150mV
CP3
REF
3VSENSE
9
3VIN
8
RESETOUT
1
–
+
–
+
+–
+–
2.5V
UVL
Q4
1V
CP4
REF
–
+
–
+
RESETIN 16
PWRGD 4
Q6
FAULT 3
Q7
OFF/ON 15
5
µA
5Vin
GND
6
DRIVE
14
PRECHARGE
1646 BD
13
LOGIC
Q1
Q5
APPLICATIO S I FOR ATIO
The LTC1646 is specifically designed for CPCI applica-
tions where the chip resides on the plug-in board.
LTC1646 Feature Summary
1. Allows safe board insertion and removal from a CPCI
backplane.
2. Controls 5V and 3.3V CPCI supplies.
3. Current limit during power-up: the supplies are allowed
to power up in current limit. This allows the chip to
power up boards with widely varying capacitive loads
without tripping the circuit breaker. The maximum
allowable power-up time is programmable using the
TIMER pin and an external capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com