Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1646IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1646IGN
Description  CompactPCI Dual Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1646IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1646IGN Datasheet HTML 2Page - Linear Technology LTC1646IGN Datasheet HTML 3Page - Linear Technology LTC1646IGN Datasheet HTML 4Page - Linear Technology LTC1646IGN Datasheet HTML 5Page - Linear Technology LTC1646IGN Datasheet HTML 6Page - Linear Technology LTC1646IGN Datasheet HTML 7Page - Linear Technology LTC1646IGN Datasheet HTML 8Page - Linear Technology LTC1646IGN Datasheet HTML 9Page - Linear Technology LTC1646IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC1646
6
1646fa
PWRGD (Pin 4) :Open Drain Power Good Digital Output.
Connect the CPCI HEALTHY# signal to the PWRGD pin.
PWRGD remains low while V3VOUT ≥ 2.9V and V5VOUT ≥
4.65V. When either of the supplies falls below its power
good threshold voltage, PWRGD will go high after a 50
µs
deglitching time.
5VOUT (Pin 5): 5V Output Sense. The PWRGD pin will not
pull low until the 5VOUT pin voltage exceeds 4.65V. If no 5V
input supply is available, tie the 5VOUT pin to the 3VOUT pin
in order to disable the 5VOUT power good function.
GND (Pin 6): Chip Ground
3VOUT (Pin 7): 3.3V Output Sense. The PWRGD pin will not
pull low until the 3VOUT pin voltage exceeds 2.90V. If no
3.3V input supply is available, tie the 3VOUT pin to the
5VOUT pin.
3VIN (Pin 8): 3.3V Supply Sense Input. An undervoltage
lockout circuit prevents the switches from turning on
when the voltage at the 3VIN pin is less than 2.5V. If no 3.3V
input supply is available, connect a diode between 5VIN
and 3VIN (tie anode to 5VIN and cathode to 3VIN ). See
Figure 11.
RESETOUT (Pin 1): Open Drain Digital Output. Connect
the CPCI LOCAL_PCI_RST# signal to the RESETOUT pin.
RESETOUT is the logical combination of RESETIN and
PWRGD (see Table 4).
TIMER (Pin 2): Current Fault Inhibit Timing Input. Connect
a capacitor from TIMER to GND. With the chip turned off,
the TIMER pin is internally held at GND. When the chip is
turned on, a 5
µA pull-up current source is connected to
TIMER. Current limit and voltage compliance faults will be
ignored until the voltage at the TIMER pin is greater than
1.25V.
FAULT (Pin 3): Open Drain Digital I/O. FAULT is pulled low
when a current limit fault is detected. Faults are ignored
while the voltage at the TIMER pin is less than 1.25V. Once
the TIMER cycle is complete, FAULT will pull low and the
chip will latch off in the event of an overcurrent fault. The
chip will remain latched in the off state until the OFF/ON pin
is cycled high then low or the power is cycled.
Forcing the FAULT pin low with an external pull-down will
cause the chip to be latched into the off state after a 21
µs
deglitching time.
TYPICAL PERFOR A CE CHARACTERISTICS
RESETOUT, PWRGD and FAULT
Output Low Voltage vs ISINK
5VOUT/3VOUT Discharge
Impedance vs Temperature
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G23
180
160
140
120
100
80
60
40
20
0
01
2
3
4
5
ISINK (mA)
1646 G22
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
90
°C
25
°C
–45
°C
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com