Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1646IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1646IGN
Description  CompactPCI Dual Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1646IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC1646IGN Datasheet HTML 1Page - Linear Technology LTC1646IGN Datasheet HTML 2Page - Linear Technology LTC1646IGN Datasheet HTML 3Page - Linear Technology LTC1646IGN Datasheet HTML 4Page - Linear Technology LTC1646IGN Datasheet HTML 5Page - Linear Technology LTC1646IGN Datasheet HTML 6Page - Linear Technology LTC1646IGN Datasheet HTML 7Page - Linear Technology LTC1646IGN Datasheet HTML 8Page - Linear Technology LTC1646IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC1646
5
1646fa
TYPICAL PERFOR A CE CHARACTERISTICS
Gate ISINK vs Temperature
Gate Voltage vs Temperature
Power Good Threshold Voltage vs
Temperature (3VOUT)
Power Good Threshold Voltage vs
Temperature (5VOUT)
Timer Threshold Voltage vs
Temperature
5VSENSE Input Current vs
Temperature
3VSENSE Input Current vs
Temperature
3VIN Input Current vs Temperature
Timer Current vs Temperature
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G13
10
9
8
7
6
5
FAULT = 0V
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G14
15.5
15.0
14.5
14.0
13.5
13.0
12.5
5VIN = 5V
I = –1
µA
5VIN = 3.3V
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G15
3.00
2.95
2.90
2.85
2.80
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G16
4.75
4.70
4.65
4.60
4.55
4.50
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G17
1.30
1.28
1.26
1.24
1.22
1.20
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G18
70
69
68
67
66
65
64
63
62
61
60
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G19
70
69
68
67
66
65
64
63
62
61
60
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G20
480
475
470
465
460
455
450
445
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G21
–4.00
–4.25
–4.50
–4.75
–5.00
–5.25
–5.50
–5.75
–6.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com