Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1646IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1646IGN
Description  CompactPCI Dual Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1646IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1646IGN Datasheet HTML 12Page - Linear Technology LTC1646IGN Datasheet HTML 13Page - Linear Technology LTC1646IGN Datasheet HTML 14Page - Linear Technology LTC1646IGN Datasheet HTML 15Page - Linear Technology LTC1646IGN Datasheet HTML 16Page - Linear Technology LTC1646IGN Datasheet HTML 17Page - Linear Technology LTC1646IGN Datasheet HTML 18Page - Linear Technology LTC1646IGN Datasheet HTML 19Page - Linear Technology LTC1646IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC1646
16
1646fa
Figure 11. 5V Supply Only Typical Application
Figure 12. BD_SEL# Pushbutton Toggle Switch
APPLICATIO S I FOR ATIO
If no 3.3V supply is present, Figure 11 illustrates how the
LTC1646 should be configured. First, 3VSENSE (Pin 9) is
connected to 3VIN (Pin 8), 3VOUT (Pin 7) is connected to
5VOUT (Pin 5) and the LTC1646’s 3VIN pin is connected
through a diode (BAV16W) to 5VIN.
For applications where the BD_SEL# connector pin is
typically grounded on the backplane, the circuit in
Figure 12 allows the LTC1646 to be reset simply by
pressing a pushbutton switch on the CPCI plug-in board.
This arrangement eliminates the requirement to extract
and reinsert the CPCI board in order to reset the LTC1646’s
circuit breakers.
Overvoltage Transient Protection
Good engineering practice calls for bypassing the supply
rail of any analog circuit. Bypass capacitors are often
placed at the supply connection of every active device, in
addition to one or more large-value bulk bypass capacitors
per supply rail. If power is connected abruptly, the large
bypass capacitors slow the rate of rise of the supply
voltage and heavily damp any parasitic resonance of lead
or PC trace inductance working against the supply bypass
capacitors.
The opposite is true for LTC1646 Hot Swap circuits
mounted on plug-in cards. In most cases, there is no
supply bypass capacitor present on the powered 3.3V or
5V side of the MOSFET switch. An abrupt connection,
produced by inserting the board into a backplane connec-
tor, results in a fast rising edge applied on the 3.3V and the
5V line of the LTC1646.
2.7
Ω
10
Ω
0.007
Ω
1k
3VIN 3VSENSE
5VSENSE GATE 5VOUT 3VOUT
5VIN
5VIN
0.1
µF
0.01
µF
IRF7413
5VOUT
LTC1646
8
9
12
11
10
5
7
6
BAV16W
1646 F11
GND
COMPACT PCI
BACKPLANE
CONNECTOR
(MALE)
COMPACT PCI
CIRCUIT CARD
CONNECTOR
(FEMALE)
GND
5V
LONG
5V
4
3
2
1
Z1: BZX84C6V2
Z1
BD_SEL#
1k
100
Ω
LONG GND
15
6
OFF/ON
LTC1646
GND
V(I/0)
PUSH-
BUTTON
SWITCH
1646 F12
1.2k
COMPACT PCI
BACKPLANE
CONNECTOR
(MALE)
COMPACT PCI
CIRCUIT CARD
CONNECTOR
(FEMALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com