Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1646IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1646IGN
Description  CompactPCI Dual Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1646IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1646IGN Datasheet HTML 1Page - Linear Technology LTC1646IGN Datasheet HTML 2Page - Linear Technology LTC1646IGN Datasheet HTML 3Page - Linear Technology LTC1646IGN Datasheet HTML 4Page - Linear Technology LTC1646IGN Datasheet HTML 5Page - Linear Technology LTC1646IGN Datasheet HTML 6Page - Linear Technology LTC1646IGN Datasheet HTML 7Page - Linear Technology LTC1646IGN Datasheet HTML 8Page - Linear Technology LTC1646IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC1646
1
1646fa
■ CompactPCI Bus Removable Boards
■ Allows Safe Board Insertion and Removal from a
Live, CompactPCI
TM Bus
■ Controls 3.3V and/or 5V Supplies
■ Programmable Foldback Current Limit During
Power-Up
■ Dual Level Circuit Breakers Protect Supplies from
Overcurrent and Short-Circuit Faults
■
LOCAL_PCI_RST# Logic On-Chip
■ PRECHARGE Output Biases I/O Pins During Card
Insertion and Extraction
■
User Programmable Supply Voltage Power-Up Rate
■ 15V High Side Drive for External N-Channel
MOSFETS
■
PWRGD, RESETOUT and FAULT Outputs
CompactPCI Dual
Hot Swap Controller
The LTC
®1646 is a Hot SwapTM controller that allows a
board to be safely inserted and removed from a live
CompactPCI bus slot. Two external N-Channel transistors
control the 3.3V and 5V supplies. The supplies can be
ramped-up in current limit or a programmable rate. Elec-
tronic circuit breakers protect both supplies against
overcurrent fault conditions. The PWRGD output indicates
when all of the supply voltages are within tolerance. The
OFF/ON pin is used to cycle the board power or reset the
circuit breaker. The PRECHARGE output can be used to
bias the bus I/O pins during card insertion and extraction.
PCI_RST# is logically combined on-chip with HEALTHY#
in order to generate LOCAL_PCI_RST# which can be used
to reset the CPCI card logic if either of the supply voltages
is not within tolerance.
The LTC1646 is available in the 16-pin narrow SSOP
package.
Figure 1
MMBT2222A
4.7nF
18
Ω
18
Ω
12
Ω
10
Ω
2.7
Ω
1.8
Ω
R3
10
Ω
3k
R4
10
Ω
3k
1k
R1
0.005
Ω, 1%
R2
0.007
Ω
1%
1k
R5
1k, 5%
10k
10k
3k
1.2k
3VIN
PRECHARGE OUT
1V
±10%
IOUT = ± 55mA
3VIN
3VIN 3VSENSE
5VSENSE
3VOUT
3VOUT
5VOUT
3.3V
5VIN
5VIN
5V
RESET#
I/O
PCI
BRIDGE
(21154)
DATA BUS
DATA BUS
V(I/O)
V(I/O)
0.1
µF
0.1
µF
0.1
µF
C1
0.01
µF
Q2
IRF7413
Q1
IRF7413
5V
5A
3.3V
7.6A
GATE
GND
PRECHARGE
DRIVE
RESETOUT
TIMER
OFF/ON
FAULT
PWRGD
RESETIN
LTC1646
15
89
10
7
12
11
5
2
1
613
14
3
4
16
BD_SEL#
HEALTHY#
PCI_RST#
1646 F01
DATA LINE EXAMPLE
COMPACT PCI
BACKPLANE
CONNECTOR
(MALE)
COMPACT PCI
CIRCUIT CARD
CONNECTOR
(FEMALE)
5V
LONG 5V
3.3V
LONG 3.3V
GROUND
I/O PIN 1
Z1, Z2: BZX84C6V2
Z2
Z1
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
Hot Swap is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1646IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
CompactPCI Dual Hot Swap Controller
More results

Similar Description - LTC1646IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4240 LINER-LTC4240 Datasheet
486Kb / 28P
CompactPCI Hot Swap Controller with I2C Compatible Interface
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
Dual Supply Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
CompactPCI Bus Hot Swap Controller
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
Distributed Power Hot-Swap Controller for CompactPCI
logo
Pericom Semiconductor C...
PI5L102 PERICOM-PI5L102 Datasheet
422Kb / 7P
CompactPCI Hot Swap Pull-up Switch
logo
Linear Technology
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
CompactPCI Dual Hot Swap Controller
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
CompactPCI Hot Swap Controller with I2C Compatible Interface
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
CompactPCI Bus Hot Swap Controller
LTC4244 LINER-LTC4244_15 Datasheet
354Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com