Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1646IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1646IGN
Description  CompactPCI Dual Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1646IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC1646IGN Datasheet HTML 1Page - Linear Technology LTC1646IGN Datasheet HTML 2Page - Linear Technology LTC1646IGN Datasheet HTML 3Page - Linear Technology LTC1646IGN Datasheet HTML 4Page - Linear Technology LTC1646IGN Datasheet HTML 5Page - Linear Technology LTC1646IGN Datasheet HTML 6Page - Linear Technology LTC1646IGN Datasheet HTML 7Page - Linear Technology LTC1646IGN Datasheet HTML 8Page - Linear Technology LTC1646IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC1646
2
1646fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IDD
V5VIN Supply Current
OFF/ON = 0V
●
1.5
4
mA
VLKO
Undervoltage Lockout
5VIN
●
2.3
2.50
2.7
V
3VIN
●
2.3
2.55
2.7
V
VFB
Foldback Current Limit Voltage
VFB = (V5VIN –V5VSENSE), V5VOUT = 0V, TIMER = 0V
●
15
20
30
mV
VFB = (V5VIN – V5VSENSE), V5VOUT = 4V, TIMER = 0V
●
50
55
65
mV
VFB = (V3VIN – V3VSENSE), V3VOUT = 0V, TIMER = 0V
●
15
20
30
mV
VFB = (V3VIN – V3VSENSE), V3VOUT = 2V, TIMER = 0V
●
50
55
65
mV
VCB
Circuit Breaker Trip Voltage
VCB = (V5VIN – V5VSENSE), V5VOUT = 5V, TIMER Open
●
50
56
65
mV
VCB = (V3VIN – V3VSENSE), V3VOUT = 3.3V, TIMER Open
●
50
56
65
mV
tOC
Overcurrent Fault Response Time
(V5VIN – V5VSENSE) = 100mV, TIMER Open
●
10
21
30
µs
(V3VIN – V3VSENSE) = 100mV, TIMER Open
●
10
21
30
µs
tSS
Short-Circuit Fault Response Time
(V5VIN – V5VSENSE) = 200mV, TIMER Open
●
0.145
1
µs
(V3VIN – V3VSENSE) = 200mV, TIMER Open
●
0.145
1
µs
ICP
GATE Pin Output Current
OFF/ON = 0V, VGATE = 0V, TIMER = 0V
●
–18
–13
–8
µA
OFF/ON = 5V, VGATE = 5V, TIMER = 0V
80
200
300
µA
OFF/ON = 0V, VGATE = 5V, FAULT = 0V, TIMER Open
●
47
12
mA
VGATE
External Gate Voltage
OFF/ON = 0V, IGATE = –1µA
●
12
15
16
V
(GATE to GND)
OFF/ON = 0V, V5VIN = 3.3V, IGATE = –1µA
●
11
13
15
V
VTH
Power Good Threshold Voltage
3VOUT
●
2.8
2.9
3.0
V
5VOUT
●
4.5
4.65
4.75
V
V3VONLY
No 5V Input Mode Window Voltage V3VONLY = ⎪V5VIN – V3VIN⎪, V5VOUT = V3VOUT = 3.3V
●
50
120
200
mV
VIL
Input Low Voltage
OFF/ON, RESETIN, FAULT
●
0.8
V
ORDER PART NUMBER
TJMAX = 125°C, θJA = 135°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC1646CGN
LTC1646IGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V5VIN = 5V and V3VIN = 3.3V unless otherwise noted.
Supply Voltages: 5VIN, 3VIN............................................... 10V
Input Voltages: (Pins 15, 16) ..................... –0.3V to 10V
Output Voltages: (Pins 1, 3, 4) .................. –0.3V to 10V
Analog Voltages and Currents:
(Pin 9) .................................... –0.3V to (3VIN + 0.3V)
(Pins 2, 5, 7, 11, 13, 14) ........ –0.3V to (5VIN + 0.3V)
(Pin 10) ..........................................................
±20mA
Operating Temperature Range:
LTC1646C ............................................... 0
°C to 70°C
LTC1646I .............................................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RESETOUT
TIMER
FAULT
PWRGD
5VOUT
GND
3VOUT
3VIN
RESETIN
OFF/ON
DRIVE
PRECHARGE
5VIN
5VSENSE
GATE
3VSENSE
GN PART MARKING
1646
1646I
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com