Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1646IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1646IGN
Description  CompactPCI Dual Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1646IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1646IGN Datasheet HTML 8Page - Linear Technology LTC1646IGN Datasheet HTML 9Page - Linear Technology LTC1646IGN Datasheet HTML 10Page - Linear Technology LTC1646IGN Datasheet HTML 11Page - Linear Technology LTC1646IGN Datasheet HTML 12Page - Linear Technology LTC1646IGN Datasheet HTML 13Page - Linear Technology LTC1646IGN Datasheet HTML 14Page - Linear Technology LTC1646IGN Datasheet HTML 15Page - Linear Technology LTC1646IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC1646
12
1646fa
APPLICATIO S I FOR ATIO
Figure 4. Power-Up into a Short on 3.3V Output
GATE
5V/DIV
5VOUT
3VOUT
2V/DIV
TIMER
1V/DIV
BD_SEL#
5V/DIV
LCL_PCI_RST#
5V/DIV
HEALTHY#
5V/DIV
FAULT
5V/DIV
10ms/DIV
1646 F04
Table 2. tTIMER vs CTIMER
CTIMER
tTIMER
CTIMER
tTIMER
0.01
µF
2.5ms
0.22
µF
55ms
0.022
µF
5.5ms
0.33
µF
82.5ms
0.033
µF
8.25ms
0.47
µF
118ms
0.047
µF
11.8ms
0.68
µF
170ms
0.068
µF
17ms
0.82
µF
205ms
0.082
µF
20.5ms
1
µF
250ms
0.1
µF
25ms
The TIMER pin is immediately pulled low when BD_SEL#
goes high.
Short-Circuit Protection
During a normal power-up sequence, if the TIMER pin is
done ramping and a supply is still in current limit, all of the
pass transistors will be immediately turned off and FAULT
(Pin 3) will be pulled low as shown in Figure 4.
In order to prevent excessive power dissipation in the pass
transistors and to prevent voltage spikes on the supplies
during short-circuit conditions, the current limit on each
supply is designed to be a function of the output voltage.
As the output voltage drops, the current limit decreases.
Unlike a traditional circuit breaker function where huge
currents can flow before the breaker trips, the current
foldback feature assures that the supply current will be
kept at a safe level and prevents voltage glitches at the
input supply when powering up into a short circuit.
After power-up (TIMER pin voltage >1.25V), the 5V and
3.3V supplies are protected from overcurrent and short-
circuit conditions by dual-level circuit breakers. If the
sense resistor voltage of either supply current exceeds
56mV but is less than 150mV, an internal timer is started.
If the supply is still overcurrent after 21
µs, the circuit
breaker trips and both supplies are turned off (Figure 5).
5VIN –5VSENSE
50mV/DIV
GATE
10V/DIV
FAULT
5V/DIV
10
µs/DIV
1646 F05
Figure 5. Overcurrent Fault on 5V
If a short-circuit occurs and the sense resistor voltage of
either supply current exceeds 150mV, the circuit breakers
trip without delay and the chip latches off (Figure 6). The
chip will stay in the latched-off state until OFF/ON (Pin 15)
is cycled high then low, or the 5VIN (Pin 12) power supply
is cycled.
The current limit and the foldback current level for the 5V
and 3.3V outputs are both a function of the external sense
resistor (R1 for 3VOUT and R2 for 5VOUT, see Figure 1). As
shown in Figure 1, a sense resistor is connected between



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com