Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1646IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1646IGN
Description  CompactPCI Dual Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1646IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1646IGN Datasheet HTML 12Page - Linear Technology LTC1646IGN Datasheet HTML 13Page - Linear Technology LTC1646IGN Datasheet HTML 14Page - Linear Technology LTC1646IGN Datasheet HTML 15Page - Linear Technology LTC1646IGN Datasheet HTML 16Page - Linear Technology LTC1646IGN Datasheet HTML 17Page - Linear Technology LTC1646IGN Datasheet HTML 18Page - Linear Technology LTC1646IGN Datasheet HTML 19Page - Linear Technology LTC1646IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC1646
17
1646fa
APPLICATIO S I FOR ATIO
Figure 14. Recommended Layout for
Transient Protection Components
VIAS TO
GND PLANE
3VIN
GND
LTC1646*
*ADDITIONAL DETAILS OMITTED FOR CLARITY
DRAWING IS NOT TO SCALE!
1646 F14
5VIN
TZ1
TZ2
C2
C3
Since there is no bulk capacitance to damp the parasitic
trace inductance, supply voltage transients excite para-
sitic resonant circuits formed by the power MOSFET
capacitance and the combined parasitic inductance from
the wiring harness, the backplane and the circuit board
traces. These ringing transients appear as a fast edge on
the 3.3V or 5V supply, exhibiting a peak overshoot to 2.5
times the steady-state value followed by a damped sinu-
soidal response whose duration and period is dependent
on the resonant circuit parameters. Since the absolute
maximum supply voltage of the LTC1646 is 10V, transient
protection against 3.3V and 5V supply voltage spikes and
ringing is highly recommended.
In these applications, there are two methods for eliminat-
ing these supply voltage transients: using Zener diodes to
clip the transient to a safe level and snubber networks.
Snubbers are RC networks whose time constants are
large enough to safely damp the inductance of the board’s
parasitic resonant circuits. As a starting point, the shunt
capacitors in these networks are chosen to be 10
× to 100×
the power MOSFET’s COSS under bias. The value of the
series resistor (R6 and R7 in Figure 13) is then chosen to
be large enough to damp the resulting series R-L-C circuit
and typically ranges from 1
Ω to 10Ω. Note that in all
Figure 13. Place Transient Protection Device Close to the LTC1646
C1
0.01
µF
C2
0.1
µF
C3
0.1
µF
3VIN
VIN2
3.3V
VIN1
5V
3VSENSE
8
3VOUT
7
5VIN
12
5VOUT
5
5VSENSE
11
9
GATE
10
R3
10
Ω
R4
10
Ω
5VOUT
AT 5A
3VOUT
AT 7.6A
R5
1k
R1
0.005
Ω
Q2
IRF7413
Q1
IRF7413
R2
0.007
Ω
Z1
Z2
LTC1646**
1646 F13
GND
6
Z1, Z2: BZX84C6V2
**ADDITIONAL DETAILS OMITTED FOR CLARITY
R6 2.7
Ω
LONG 5V
R7 1.8
Ω
LONG 3.3V
LTC1646 circuit schematics, Zener diodes and snubber
networks have been added to each 3.3V and 5V supply rail
and should be used always. These protection networks
should be mounted very close to the LTC1646’s supply
voltage using short lead lengths to minimize lead induc-
tance. This is shown schematically in Figure 13 and a
recommended layout of the transient protection devices
around the LTC1646 is shown in Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com