Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1646IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1646IGN
Description  CompactPCI Dual Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1646IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC1646IGN Datasheet HTML 1Page - Linear Technology LTC1646IGN Datasheet HTML 2Page - Linear Technology LTC1646IGN Datasheet HTML 3Page - Linear Technology LTC1646IGN Datasheet HTML 4Page - Linear Technology LTC1646IGN Datasheet HTML 5Page - Linear Technology LTC1646IGN Datasheet HTML 6Page - Linear Technology LTC1646IGN Datasheet HTML 7Page - Linear Technology LTC1646IGN Datasheet HTML 8Page - Linear Technology LTC1646IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC1646
4
1646fa
TYPICAL PERFOR A CE CHARACTERISTICS
5VIN Undervoltage Lockout
Voltage vs Temperature
3VIN Undervoltage Lockout
Voltage vs Temperature
5VIN Foldback Current Limit
Voltage vs Temperature
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G04
2.60
2.55
2.50
2.45
2.40
LOW-TO-HIGH TRANSITION
HIGH-TO-LOW TRANSITION
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G05
2.60
2.55
2.50
2.45
2.40
LOW-TO-HIGH TRANSITION
HIGH-TO-LOW TRANSITION
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G06
60
50
40
30
20
10
0
5VOUT = 4V
5VOUT = 0V
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G07
60
50
40
30
20
10
0
3VOUT = 2V
3VOUT = 0V
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G08
60
59
58
57
56
55
54
53
52
51
50
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G09
60
59
58
57
56
55
54
53
52
51
50
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G10
22.00
21.75
21.50
21.25
21.00
20.75
20.50
20.25
20.00
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G11
170
160
150
140
130
120
110
100
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G12
–10
–11
–12
–13
–14
–15
3VIN Foldback Current Limit
Voltage vs Temperature
5VIN Circuit Breaker Trip Voltage
vs Temperature
3VIN Circuit Breaker Trip Voltage
vs Temperature
5VIN/3VIN Overcurrent Fault
Response Time vs Temperature
5VIN/3VIN Short-Circuit Fault
Response Time vs Temperature
Gate Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com