Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1646IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1646IGN
Description  CompactPCI Dual Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1646IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC1646IGN Datasheet HTML 1Page - Linear Technology LTC1646IGN Datasheet HTML 2Page - Linear Technology LTC1646IGN Datasheet HTML 3Page - Linear Technology LTC1646IGN Datasheet HTML 4Page - Linear Technology LTC1646IGN Datasheet HTML 5Page - Linear Technology LTC1646IGN Datasheet HTML 6Page - Linear Technology LTC1646IGN Datasheet HTML 7Page - Linear Technology LTC1646IGN Datasheet HTML 8Page - Linear Technology LTC1646IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC1646
3
1646fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
Input High Voltage
OFF/ON, RESETIN, FAULT
●
2V
VTIMER
TIMER Threshold Voltage
VTIMER , FAULT = 0V
●
1.15
1.25
1.35
V
IIN
OFF/ON Input Current
OFF/ON = 5V
●
±0.08
±10
µA
OFF/ON = 0V
●
±0.08
±10
µA
RESETIN Input Current
RESETIN = 5V
●
±0.08
±10
µA
RESETIN = 0V
●
±0.08
±10
µA
5VSENSE Input Current
5VSENSE = 5V, 5VOUT = 0V
●
66
100
µA
3VSENSE Input Current
3VSENSE = 3.3V, 3VOUT = 0V
●
66
100
µA
3VIN Input Current
3VIN = 3.3V
●
460
1000
µA
5VOUT Input Current
5VOUT = 5V, OFF/ON = 0V
●
0.9
1.5
mA
3VOUT Input Current
3VOUT = 3.3V, OFF/ON = 0V
●
0.9
1.5
mA
ITIMER
TIMER Pin Current
OFF/ON = 0V, VTIMER = 0V
●
–7
–5
–3
µA
OFF/ON = 5V, VTIMER = 5V
6.6
mA
RDIS
5VOUT Discharge Impedance
OFF/ON = 5V
●
120
220
Ω
3VOUT Discharge Impedance
OFF/ON = 5V
●
120
220
Ω
VOL
Output Low Voltage
FAULT, PWRGD, RESETOUT, I = 2mA
●
0.25
0.4
V
VPXG
PRECHARGE Reference Voltage
VPRECHARGE, V5VIN = 5V and 3.3V
●
0.90
1.00
1.10
V
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V5VIN = 5V and V3VIN = 3.3V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
TYPICAL PERFOR A CE CHARACTERISTICS
5V Current Foldback Profile
3.3V Current Foldback Profile
OUTPUT VOLTAGE (V)
0
2
4
5
1646 G01
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RSENSE = 0.007Ω
1646 G02
12
11
10
9
8
7
6
5
4
3
2
1
0
OUTPUT VOLTAGE (V)
0
2
4
5
13
RSENSE = 0.005Ω
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G03
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
5VIN Supply Current vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com