Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917/01 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 12Page - NXP Semiconductors LPC2917/01 Datasheet HTML 13Page - NXP Semiconductors LPC2917/01 Datasheet HTML 14Page - NXP Semiconductors LPC2917/01 Datasheet HTML 15Page - NXP Semiconductors LPC2917/01 Datasheet HTML 16Page - NXP Semiconductors LPC2917/01 Datasheet HTML 17Page - NXP Semiconductors LPC2917/01 Datasheet HTML 18Page - NXP Semiconductors LPC2917/01 Datasheet HTML 19Page - NXP Semiconductors LPC2917/01 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
16 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
6.6.3.1
ETM/ETB
The ETM provides real-time trace capability for deeply embedded processor cores. It
outputs information about processor execution to a trace buffer. A software debugger
allows configuration of the ETM using a JTAG interface and displays the trace information
that has been captured in a format that a user can easily understand. The ETB stores
trace data produced by the ETM.
The ETM/ETB module has the following features:
• Closely tracks the instructions that the ARM core is executing.
• On-chip trace data storage (ETB).
• All registers are programmed through JTAG interface.
• Does not consume power when trace is not being used.
• THUMB/Java instruction set support.
6.6.4 Power supply pins
Table 6 shows the power supply pins.
6.7 Clocking strategy
6.7.1 Clock architecture
The LPC2917/2919/01 contains several different internal clock areas. Peripherals like
Timers, SPI, UART, CAN and LIN have their own individual clock sources called base
clocks. All base clocks are generated by the Clock Generator Unit (CGU0). They may be
unrelated in frequency and phase and can have different clock sources within the CGU.
The system clock for the CPU and AHB Bus infrastructure has its own base clock. This
means most peripherals are clocked independently from the system clock. See Figure 4
for an overview of the clock areas within the device.
Within each clock area there may be multiple branch clocks, which offers very flexible
control for power-management purposes. All branch clocks are outputs of the Power
Management Unit (PMU) and can be controlled independently. Branch clocks derived
from the same base clock are synchronous in frequency and phase. See Section 6.15 for
more details of clock and power control within the device.
Table 6.
Power supply pins
Symbol
Description
VDD(CORE)
digital core supply 1.8 V
VSS(CORE)
digital core ground (digital core, ADC1/2)
VDD(IO)
I/O pins supply 3.3 V
VSS(IO)
I/O pins ground
VDD(OSC)
oscillator and PLL supply
VSS(OSC)
oscillator ground
VDDA(ADC3V3)
ADC1 and ADC2 3.3 V supply
VSS(PLL)
PLL ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com