Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917/01 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 43Page - NXP Semiconductors LPC2917/01 Datasheet HTML 44Page - NXP Semiconductors LPC2917/01 Datasheet HTML 45Page - NXP Semiconductors LPC2917/01 Datasheet HTML 46Page - NXP Semiconductors LPC2917/01 Datasheet HTML 47Page - NXP Semiconductors LPC2917/01 Datasheet HTML 48Page - NXP Semiconductors LPC2917/01 Datasheet HTML 49Page - NXP Semiconductors LPC2917/01 Datasheet HTML 50Page - NXP Semiconductors LPC2917/01 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
47 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
6.15.2 Clock Generation Unit (CGU0)
The key features are:
• Generation of 11 base clocks, selectable from several embedded clock sources.
• Crystal oscillator with power-down.
• Control PLL with power-down.
• Very low-power ring oscillator, always on to provide a ‘safe clock’.
• Seven fractional clock dividers with L/D division.
• Individual source selector for each base clock, with glitch-free switching.
• Autonomous clock-activity detection on every clock source.
• Protection against switching to invalid or inactive clock sources.
• Embedded frequency counter.
• Register write-protection mechanism to prevent unintentional alteration of clocks.
Remark: Any clock-frequency adjustment has a direct impact on the timing of all on-board
peripherals.
6.15.2.1
Functional description
The clock generation unit provides 11 internal clock sources as described in Table 26.
[1]
Maximum frequency that guarantees stable operation of the LPC2917/2919/01.
[2]
Fixed to low-power oscillator.
Table 26.
CGU0 base clocks
Numbe
r
Name
Frequency
(MHz) [1]
Description
0
BASE_SAFE_CLK
0.4
base safe clock (always on)
1
BASE_SYS_CLK
125
base system clock
2
BASE_PCR_CLK
0.4 [2]
base PCR subsystem clock
3
BASE_IVNSS_CLK
125
base IVNSS subsystem clock
4
BASE_MSCSS_CLK
125
base MSCSS subsystem clock
5
BASE_UART_CLK
125
base UART clock
6
BASE_ICLK0_CLK
125
base internal clock 0, for CGU1
7
BASE_SPI_CLK
50
base SPI clock
8
BASE_TMR_CLK
125
base timers clock
9
BASE_ADC_CLK
4.5
base ADCs clock
10
reserved
-
-
11
BASE_ICLK1_CLK
125
base internal clock 1, for CGU1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com