Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917/01 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 64Page - NXP Semiconductors LPC2917/01 Datasheet HTML 65Page - NXP Semiconductors LPC2917/01 Datasheet HTML 66Page - NXP Semiconductors LPC2917/01 Datasheet HTML 67Page - NXP Semiconductors LPC2917/01 Datasheet HTML 68Page - NXP Semiconductors LPC2917/01 Datasheet HTML 69Page - NXP Semiconductors LPC2917/01 Datasheet HTML 70Page - NXP Semiconductors LPC2917/01 Datasheet HTML 71Page - NXP Semiconductors LPC2917/01 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
68 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
9.
Dynamic characteristics
9.1 Dynamic characteristics: I/O pins, internal clock, oscillators, PLL, and
CAN
Table 35.
Dynamic characteristics
VDD(CORE) =VDD(OSC_PLL); VDD(IO) = 2.7 V to 3.6 V; VDDA(ADC3V3) = 3.0 V to 3.6 V; all voltages are measured with respect to
ground; positive currents flow into the IC; unless otherwise specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I/O pins
tTHL
HIGH to LOW transition
time
CL = 30 pF
4
-
13.8
ns
tTLH
LOW to HIGH transition
time
CL = 30 pF
4
-
13.8
ns
CLKOUT pin
fclk
clock frequency
on pin CLKOUT
-
-
40
MHz
Internal clock
fclk(sys)
system clock frequency
[2] 10
-
125
MHz
Tclk(sys)
system clock period
[2] 8
-
100
ns
Low-power ring oscillator
fref(RO)
RO reference
frequency
0.36
0.4
0.42
MHz
tstartup
start-up time
at maximum frequency
[3] -6
-
µs
Oscillator
fi(osc)
oscillator input
frequency
maximum frequency is
the clock input of an
external clock source
applied to the XIN_OSC
pin
10
-
100
MHz
tstartup
start-up time
at maximum frequency
[3]
[4]
-
500
-
µs
PLL
fi(PLL)
PLL input frequency
10
-
25
MHz
fo(PLL)
PLL output frequency
10
-
160
MHz
CCO; direct mode
156
-
320
MHz
ta(clk)
clock access time
-
-
63.4
ns
ta(A)
address access time
-
-
60.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com