Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917/01 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 66Page - NXP Semiconductors LPC2917/01 Datasheet HTML 67Page - NXP Semiconductors LPC2917/01 Datasheet HTML 68Page - NXP Semiconductors LPC2917/01 Datasheet HTML 69Page - NXP Semiconductors LPC2917/01 Datasheet HTML 70Page - NXP Semiconductors LPC2917/01 Datasheet HTML 71Page - NXP Semiconductors LPC2917/01 Datasheet HTML 72Page - NXP Semiconductors LPC2917/01 Datasheet HTML 73Page - NXP Semiconductors LPC2917/01 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
70 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
9.2 Dynamic characteristics: I2C-bus interface
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Pre-testing is performed at Tamb =85 °C ambient
temperature on wafer level. Cased products are tested at Tamb =25 °C (final testing). Both pre-testing and final testing use correlated
test conditions to cover the specified temperature and power supply voltage range.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[3]
Bus capacitance Cb in pF, from 10 pF to 400 pF.
9.3 Dynamic characteristics: SPI
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Pre-testing is performed at Tamb =85 °C ambient
temperature on wafer level. Cased products are tested at Tamb =25 °C (final testing). Both pre-testing and final testing use correlated
test conditions to cover the specified temperature and power supply voltage range.
Table 36.
Dynamic characteristic: I2C-bus pins
VDD(CORE) =VDD(OSC_PLL); VDD(IO) = 2.7 V to 3.6 V; VDDA(ADC3V3) = 3.0 V to 3.6 V; all voltages are measured with respect to
ground; positive currents flow into the IC; unless otherwise specified[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
tf(o)
output fall time
VIH to VIL
20 + 0.1
× C
b
[3]
--ns
Table 37.
Dynamic characteristics of SPI pins
VDD(CORE) =VDD(OSC_PLL) ; VDD(IO) = 2.7 V to 3.6 V; VDDA(ADC3V3) = 3.0 V to 3.6 V; VDDA(ADC5V0) = 3.0 V to 5.5 V;
Tvj = -40 °Cto+85 °C; all voltages are measured with respect to ground; positive currents flow into the IC; unless otherwise
specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSPI
SPI operating frequency
master operation
1
⁄65024fclk(SPI)
-
1
⁄2fclk(SPI) MHz
slave operation
1
⁄65024fclk(SPI)
-
1
⁄4fclk(SPI) MHz
tsu(SPI_MISO)
SPI_MISO set-up time
Tamb = 25 °C;
measured in SPI
Master mode;
see Figure 26
-11
-
ns
Fig 26. SPI data input set-up time in SSP Master mode
tsu(SPI_MISO)
SCKn
shifting edges
SDOn
SDIn
002aae695
sampling edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com