Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917/01 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 5Page - NXP Semiconductors LPC2917/01 Datasheet HTML 6Page - NXP Semiconductors LPC2917/01 Datasheet HTML 7Page - NXP Semiconductors LPC2917/01 Datasheet HTML 8Page - NXP Semiconductors LPC2917/01 Datasheet HTML 9Page - NXP Semiconductors LPC2917/01 Datasheet HTML 10Page - NXP Semiconductors LPC2917/01 Datasheet HTML 11Page - NXP Semiconductors LPC2917/01 Datasheet HTML 12Page - NXP Semiconductors LPC2917/01 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
9 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
VDD(IO)
82
3.3 V power supply for I/O
P2[8]/
CLK_OUT/
PMAT0[0]/
SCS0[2]
83[1]
GPIO 2, pin 8
CLK_OUT
PWM0 MAT0
SPI0 SCS2
P2[9]/PMAT0[1]/
SCS0[1]
84[1]
GPIO 2, pin 9
-
PWM0 MAT1
SPI0 SCS1
P1[3]/SCS2[1]/
PMAT3[3]/A3
85[1]
GPIO 1, pin 3
SPI2 SCS1
PWM3 MAT3
EXTBUS A3
P1[2]/SCS2[3]/
PMAT3[2]/A2
86[1]
GPIO 1, pin 2
SPI2 SCS3
PWM3 MAT2
EXTBUS A2
P1[1]/EI1/
PMAT3[1]/A1
87[1]
GPIO 1, pin 1
EXTINT1
PWM3 MAT1
EXTBUS A1
VSS(CORE)
88
ground for digital core
VDD(CORE)
89
1.8 V power supply for digital core
P1[0]/EI0/
PMAT3[0]/A0
90[1]
GPIO 1, pin 0
EXTINT0
PWM3 MAT0
EXTBUS A0
P2[10]/
PMAT0[2]/
SCS0[0]
91[1]
GPIO 2, pin 10
-
PWM0 MAT2
SPI0 SCS0
P2[11]/
PMAT0[3]/SCK0
92[1]
GPIO 2, pin 11
-
PWM0 MAT3
SPI0 SCK
P0[0]/PHB0/
TXDC0/D24
93[1]
GPIO 0, pin 0
QEI0 PHB
CAN0 TXD
EXTBUS D24
VSS(IO)
94
ground for I/O
P0[1]/PHA0/
RXDC0/D25
95[1]
GPIO 0, pin 1
QEI 0 PHA
CAN0 RXD
EXTBUS D25
P0[2]/
CLK_OUT/
PMAT0[0]/D26
96[1]
GPIO 0, pin 2
CLK_OUT
PWM0 MAT0
EXTBUS D26
P0[3]/PMAT0[1]/
D27
97[1]
GPIO 0, pin 3
-
PWM0 MAT1
EXTBUS D27
P3[0]/PMAT2[0]/
CS6
98[1]
GPIO 3, pin 0
-
PWM2 MAT0
EXTBUS CS6
P3[1]/PMAT2[1]/
CS7
99[1]
GPIO 3, pin 1
-
PWM2 MAT1
EXTBUS CS7
P2[12]/
PMAT0[4]/SDI0
100[1]
GPIO 2, pin 12
-
PWM0 MAT4
SPI0 SDI
P2[13]/
PMAT0[5]/
SDO0
101[1]
GPIO 2, pin 13
-
PWM0 MAT5
SPI0 SDO
P0[4]/PMAT0[2]/
D28
102[1]
GPIO 0, pin 4
-
PWM0 MAT2
EXTBUS D28
P0[5]/PMAT0[3]/
D29
103[1]
GPIO 0, pin 5
-
PWM0 MAT3
EXTBUS D29
VDD(IO)
104
3.3 V power supply for I/O
Table 3.
LQFP144 pin assignment …continued
Pin name
Pin
Description
Default function
Function 1
Function 2
Function 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com