Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917/01 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 7Page - NXP Semiconductors LPC2917/01 Datasheet HTML 8Page - NXP Semiconductors LPC2917/01 Datasheet HTML 9Page - NXP Semiconductors LPC2917/01 Datasheet HTML 10Page - NXP Semiconductors LPC2917/01 Datasheet HTML 11Page - NXP Semiconductors LPC2917/01 Datasheet HTML 12Page - NXP Semiconductors LPC2917/01 Datasheet HTML 13Page - NXP Semiconductors LPC2917/01 Datasheet HTML 14Page - NXP Semiconductors LPC2917/01 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
11 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
[1]
Bidirectional pad; analog port; plain input; 3-state output; slew rate control; 5V tolerant; TTL with hysteresis; programmable pull-up /
pull-down / repeater.
[2]
Analog pad; analog I/O
[3]
Analog pad.
6.
Functional description
6.1 Architectural overview
The LPC2917/2919/01 consists of:
• An ARM968E-S processor with real-time emulation support
• An AMBA multi-layer Advanced High-performance Bus (AHB) for interfacing to the
on-chip memory controllers
• Two DTL buses (an universal NXP interface) for interfacing to the interrupt controller
and the Power, Clock and Reset Control cluster (also called subsystem).
VDD(IO)
131
3.3 V power supply for I/O
P0[18]/IN2[2]/
PMAT2[0]/A14
132[3]
GPIO 0, pin 18
ADC2 IN2
PWM2 MAT0
EXTBUS A14
P0[19]/IN2[3]/
PMAT2[1]/A15
133[3]
GPIO 0, pin 19
ADC2 IN3
PWM2 MAT1
EXTBUS A15
P3[4]/MAT3[2]/
PMAT2[4]/
TXDC1
134[1]
GPIO 3, pin 4
TIMER3 MAT2
PWM2 MAT4
CAN1 TXD
P3[5]/MAT3[3]/
PMAT2[5]/
RXDC1
135[1]
GPIO 3, pin 5
TIMER3 MAT3
PWM2 MAT5
CAN1 RXD
P2[18]/SCS2[1]/
PCAP1[1]/D16
136[1]
GPIO 2, pin 18
SPI2 SCS1
PWM1 CAP1
EXTBUS D16
P2[19]/SCS2[0]/
PCAP1[2]/D17
137[1]
GPIO 2, pin 19
SPI2 SCS0
PWM1 CAP2
EXTBUS D17
P0[20]/IN2[4]/
PMAT2[2]/A16
138[3]
GPIO 0, pin 20
ADC2 IN4
PWM2 MAT2
EXTBUS A16
P0[21]/IN2[5]/
PMAT2[3]/A17
139[3]
GPIO 0, pin 21
ADC2 IN5
PWM2 MAT3
EXTBUS A17
P0[22]/IN2[6]/
PMAT2[4]/A18
140[3]
GPIO 0, pin 22
ADC2 IN6
PWM2 MAT4
EXTBUS A18
VSS(IO)
141
ground for I/O
P0[23]/IN2[7]/
PMAT2[5]/A19
142[3]
GPIO 0, pin 23
ADC2 IN7
PWM2 MAT5
EXTBUS A19
P2[20]/
PCAP2[0]/D18
143[1]
GPIO 2, pin 20
SPI2 SDO
PWM2 CAP0
EXTBUS D18
TDI
144[1]
IEEE 1149.1 data in, pulled up internally
Table 3.
LQFP144 pin assignment …continued
Pin name
Pin
Description
Default function
Function 1
Function 2
Function 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com