Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917/01 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 36Page - NXP Semiconductors LPC2917/01 Datasheet HTML 37Page - NXP Semiconductors LPC2917/01 Datasheet HTML 38Page - NXP Semiconductors LPC2917/01 Datasheet HTML 39Page - NXP Semiconductors LPC2917/01 Datasheet HTML 40Page - NXP Semiconductors LPC2917/01 Datasheet HTML 41Page - NXP Semiconductors LPC2917/01 Datasheet HTML 42Page - NXP Semiconductors LPC2917/01 Datasheet HTML 43Page - NXP Semiconductors LPC2917/01 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
40 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
6.14.4.1
Functional description
The ADC block diagram, Figure 9, shows the basic architecture of each ADC. The ADC
functionality is divided into two major parts; one part running on the MSCSS Subsystem
clock, the other on the ADC clock. This split into two clock domains affects the behavior
from a system-level perspective. The actual analog-to-digital conversions take place in the
ADC clock domain, but system control takes place in the system clock domain.
A mechanism is provided to modify configuration of the ADC and control the moment at
which the updated configuration is transferred to the ADC domain.
The ADC clock is limited to 4.5 MHz maximum frequency and should always be lower than
or equal to the system clock frequency. To meet this constraint or to select the desired
lower sampling frequency, the clock generation unit provides a programmable fractional
system-clock divider dedicated to the ADC clock. Conversion rate is determined by the
ADC clock frequency divided by the number of resolution bits plus one. Accessing ADC
registers requires an enabled ADC clock, which is controllable via the clock generation
unit, see Section 6.15.2.
Each ADC has four start inputs. Note that start 0 and start 2 are captured in the system
clock domain while start 1 and start 3 are captured in the ADC domain. The start inputs
are connected at MSCSS level, see Figure 8 for details.
6.14.4.2
Pin description
The two ADC modules in the MSCSS have the pins described below. The ADCx input pins
are combined with other functions on the port pins of the LPC2917/2919/01. The VREFN
and VREFP pins are common for both ADCs. Table 22 shows the ADC pins.
Fig 9.
ADC block diagram
002aad960
ADC
start 2
ADC
start 0
APB clock
(BASE_MSCSS_CLK)
ADC clock
(up to 4.5 MHz)
(BASE_ADC_CLK)
APB system bus
IRQ scan
IRQ compare
ADC2 IN[7:0]
ADC
start 1
ADC
start 3
sync_out
ADC DOMAIN
SYSTEM DOMAIN
ADC
CONTROL
ADC
REGISTERS
3.3 V
ADC2
3.3 V
ADC1
ANALOG
MUX
conversion data
update
configuration data
IRQ
ADC1 IN[7:0]
ANALOG
MUX
3.3 V IN
3.3 V IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com