Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917/01 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 55Page - NXP Semiconductors LPC2917/01 Datasheet HTML 56Page - NXP Semiconductors LPC2917/01 Datasheet HTML 57Page - NXP Semiconductors LPC2917/01 Datasheet HTML 58Page - NXP Semiconductors LPC2917/01 Datasheet HTML 59Page - NXP Semiconductors LPC2917/01 Datasheet HTML 60Page - NXP Semiconductors LPC2917/01 Datasheet HTML 61Page - NXP Semiconductors LPC2917/01 Datasheet HTML 62Page - NXP Semiconductors LPC2917/01 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
59 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
[1]
Based on package heat transfer, not device power consumption.
[2]
Peak current must be limited at 25 times average current.
[3]
For I/O Port 0, the maximum input voltage is defined by VI(ADC).
[4]
Only when VDD(IO) is present.
[5]
Note that pull-up should be off. With pull-up do not exceed 3.6 V.
[6]
112 mA per VDD(IO) or VSS(IO) should not be exceeded.
[7]
Human-body model: discharging a 100 pF capacitor via a 10 k
Ω series resistor.
ESD
VESD
electrostatic discharge
voltage
on all pins
human body model
[7]
−2000
+2000
V
charged device model
−500
+500
V
on corner pins
charged device model
−750
+750
V
Table 32.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com