Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917/01 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 45Page - NXP Semiconductors LPC2917/01 Datasheet HTML 46Page - NXP Semiconductors LPC2917/01 Datasheet HTML 47Page - NXP Semiconductors LPC2917/01 Datasheet HTML 48Page - NXP Semiconductors LPC2917/01 Datasheet HTML 49Page - NXP Semiconductors LPC2917/01 Datasheet HTML 50Page - NXP Semiconductors LPC2917/01 Datasheet HTML 51Page - NXP Semiconductors LPC2917/01 Datasheet HTML 52Page - NXP Semiconductors LPC2917/01 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
49 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
Configuration of the CGU0: For every output generator generating the base clocks a
choice can be made from the primary and secondary clock generators according to
Figure 13.
Any output generator (except for BASE_SAFE_CLK and BASE_PCR_CLK) can be
connected to either a fractional divider (FDIV0..6) or to one of the outputs of the PLL or to
LP_OSC/crystal oscillator directly. BASE_SAFE_CLK and BASE_PCR_CLK can use only
LP_OSC as source.
The fractional dividers can be connected to one of the outputs of the PLL or directly to
LP_OSC/crystal Oscillator.
The PLL is connected to the crystal oscillator.
In this way every output generating the base clocks can be configured to get the required
clock. Multiple output generators can be connected to the same primary or secondary
clock source, and multiple secondary clock sources can be connected to the same PLL
output or primary clock source.
Invalid selections/programming - connecting the PLL to an FDIV or to one of the PLL
outputs itself for example - will be blocked by hardware. The control register will not be
written, the previous value will be kept, although all other fields will be written with new
data. This prevents clocks being blocked by incorrect programming.
Default Clock Sources: Every secondary clock generator or output generator is
connected to LP_OSC at reset. In this way the device runs at a low frequency after reset.
It is recommended to switch BASE_SYS_CLK to a high-frequency clock generator as one
of the first steps in the boot code after verifying that the high-frequency clock generator is
running.
Clock Activity Detection: Clocks that are inactive are automatically regarded as invalid,
and values of ‘CLK_SEL’ that would select those clocks are masked and not written to the
control registers. This is accomplished by adding a clock detector to every clock
Fig 13. Structure of the clock generation scheme
LP_OSC
PLL
FDIV0:6
EXTERNAL
OSCILLATOR
002aad834
clkout
clkout120
clkout240
OUTPUT
CONTROL
clock
outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com