Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917/01 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 44Page - NXP Semiconductors LPC2917/01 Datasheet HTML 45Page - NXP Semiconductors LPC2917/01 Datasheet HTML 46Page - NXP Semiconductors LPC2917/01 Datasheet HTML 47Page - NXP Semiconductors LPC2917/01 Datasheet HTML 48Page - NXP Semiconductors LPC2917/01 Datasheet HTML 49Page - NXP Semiconductors LPC2917/01 Datasheet HTML 50Page - NXP Semiconductors LPC2917/01 Datasheet HTML 51Page - NXP Semiconductors LPC2917/01 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
48 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
For generation of these base clocks, the CGU consists of primary and secondary clock
generators and one output generator for each base clock.
There are two primary clock generators: a low-power ring oscillator (LP_OSC) and a
crystal oscillator. See Figure 12.
LP_OSC is the source for the BASE_PCR_CLK that clocks the CGU0 itself and for
BASE_SAFE_CLK that clocks a minimum of other logic in the device (like the watchdog
timer). To prevent the device from losing its clock source LP_OSC cannot be put into
power-down. The crystal oscillator can be used as source for high-frequency clocks or as
an external clock input if a crystal is not connected.
Secondary clock generators are a PLL and seven fractional dividers (FDIV0..6). The PLL
has three clock outputs: normal, 120
° phase-shifted and 240° phase-shifted.
Fig 12. Block diagram of the CGU0
400 kHz LP_OSC
PLL
FDIV0
EXTERNAL
OSCILLATOR
FDIV1
FDIV6
OUT 0
OUT 1
OUT 11
002aae147
clkout
clkout120
clkout240
CLOCK GENERATION UNIT (CGU0)
FREQUENCY
MONITOR
CLOCK
DETECTION
AHB TO DTL BRIDGE
BASE_SYS_CLK
BASE_ICLK1_CLK
OUT 3
BASE_IVNSS_CLK
OUT 2
BASE_PCR_CLK
BASE_SAFE_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com