Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3250A Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SSL3250A Datasheet HTML 18Page - NXP Semiconductors SSL3250A Datasheet HTML 19Page - NXP Semiconductors SSL3250A Datasheet HTML 20Page - NXP Semiconductors SSL3250A Datasheet HTML 21Page - NXP Semiconductors SSL3250A Datasheet HTML 22Page - NXP Semiconductors SSL3250A Datasheet HTML 23Page - NXP Semiconductors SSL3250A Datasheet HTML 24Page - NXP Semiconductors SSL3250A Datasheet HTML 25Page - NXP Semiconductors SSL3250A Datasheet HTML 26Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
22 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
[1]
All typical values are measured at Tamb = 25 °C and VI = 3.6 V.
[2]
When operating in an extended input voltage range, the device will be fully functional but has a reduced performance specification on
certain parameters. An extended input voltage range is entered when the input voltage is dropping below 3.0 V, assuming the device is
not in undervoltage lockout mode.
[3]
When no external resistor is connected, the device will apply a default current setting. See Section 8.3 for details. Corresponding pins
should then be connected to high (> 1.4 V)
[4]
Higher resistor values than the maximum are considered as no resistor is connected and therefore result in the default current setting.
[5]
Lower resistor values than the minimum will result in large currents being drawn from the device resulting in bad operation.
[6]
To accommodate two LEDs with a spread in VF between 2.7 V and 4.3 V each.
[7]
Only valid in Boost mode: typically in a dual LED configuration. When in linear mode, used in specific cases of single LED applications,
excess voltage will fall over the LED pin.
I2C interface
VIL
LOW-level input voltage
-
-
0.5
V
VIH
HIGH-level input voltage
1.2
-
VIN
V
VOL
LOW-level output voltage
Isink = 3 mA
0
-
0.4
V
fSCL
SCL clock frequency
0
-
400
kHz
Digital levels: EN1, EN2, STRB, ACT
VIL
LOW-level input voltage
digital
0
-
0.5
V
VIH
HIGH-level input voltage
digital
1.2
-
-
V
Digital levels: IF_SEL pin
VIL
LOW-level input voltage
IF_SEL pin
0
-
0.5VI
V
VIH
HIGH-level input voltage
IF_SEL pin
0.5VI
-VI
V
Digital levels: INT
VOL
LOW-level output voltage
Isink = 3 mA
0
-
0.4
V
IIH
HIGH-level input current
0
-
0.5
µA
Temperature
Tamb
ambient temperature
−40
+25
+85
°C
Totp
overtemperature protection trip
temperature rising
-
150
-
°C
Totp(hys)
overtemperature protection trip
hysteresis
temperature falling
-
20
-
°C
Table 9.
Characteristics …continued
VI = 3.0 V to 5.5 V; Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com