Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3250A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSL3250A Datasheet HTML 7Page - NXP Semiconductors SSL3250A Datasheet HTML 8Page - NXP Semiconductors SSL3250A Datasheet HTML 9Page - NXP Semiconductors SSL3250A Datasheet HTML 10Page - NXP Semiconductors SSL3250A Datasheet HTML 11Page - NXP Semiconductors SSL3250A Datasheet HTML 12Page - NXP Semiconductors SSL3250A Datasheet HTML 13Page - NXP Semiconductors SSL3250A Datasheet HTML 14Page - NXP Semiconductors SSL3250A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
11 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
8.3.7 Indicator LED
The indicator LED is connected between the VBAT and the dedicated indicator LED current
input pin. Internally a linear current sink controls the indicator LED current to reach the
required current level.
In I2C mode, the indicator LED current can be set between 2.5 mA and 17.5 mA. The
internal 3-bit register sets the actual indicator LED according to the formula in Equation 6.
The external resistor R_IND is ignored.
(6)
When using the Direct enable mode, the indicator current can be determined by an
external resistor R_IND. The indicator current is defined using Equation 7. It can be set
between 2.5 mA and 20 mA. When not using the resistor, the indicator current will be set
to a default level of 10 mA. This current is similar to connecting an external resistor of
50 k
Ω. Entering Flash mode in Direct enable mode can be done using the EN1 and EN2
pins. The LED will stay on in Flash mode for as long as the enable pins are set.
(7)
If there is no resistor connected to the R_IND pin, it can either be left unconnected or
connected to VIN. Never connect the R_IND pin to GND since it will cause unnecessary
reference currents to flow to GND.
Figure 10 illustrates the Indicator mode current setting equation for I2C, while Figure 11
illustrates the Indicator mode current setting equation for the Direct enable mode.
Fig 9.
The inductor current during TxMask
Flash
Average
inductor
current
T
×Mask
t < 50
µs
014aaa296
I
I _IND
Register
2.5 mA
×
=
I
I _IND
50 k
Ω
R
R_IND
------------------
10 mA
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com