Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3250A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL3250A Datasheet HTML 9Page - NXP Semiconductors SSL3250A Datasheet HTML 10Page - NXP Semiconductors SSL3250A Datasheet HTML 11Page - NXP Semiconductors SSL3250A Datasheet HTML 12Page - NXP Semiconductors SSL3250A Datasheet HTML 13Page - NXP Semiconductors SSL3250A Datasheet HTML 14Page - NXP Semiconductors SSL3250A Datasheet HTML 15Page - NXP Semiconductors SSL3250A Datasheet HTML 16Page - NXP Semiconductors SSL3250A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
13 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
The four protection circuits and their bits in the status register are as follows:
• Overvoltage protection
• Time-out protection
• Overtemperature protection
• Output short protection
When a protection is triggered, switching of the IC is inhibited without a soft ramp-down of
the current in the main LED and also the indicator LED will be switched off.
To recover from this fault condition in I2C mode, write 00h to the current control register
(00h) to clear the status register release the INT line. After clearing the status register, the
current control register can be reloaded and the flash can be retriggered. Reloading the
other registers is not necessary as they will not lose their value when an interrupt is
generated. In Direct enable mode the status register is cleared and the INT line is
released, by making both the EN1 and EN2 pins lO.
8.4.1 Overvoltage protection
If the output voltage (VO) exceeds its limit (Vovp, see Table 9), switching of the converter is
inhibited. The output voltage will exceed Vovp limit when no LEDs are connected between
pins VO and LED. In some cases an overvoltage protection may occur when the LED pin
is shorted to GND during the period a Flash is generated.
The converter is trying to compensate for the loss of feedback current by increasing VO.
When an overvoltage is encountered, the OVPtrig flag (bit 0) is set in the status register.
8.4.2 Untimed Flash mode
To avoid overloading of the main LED during a flash in Direct enable mode or I2C control
mode in untimed Flash mode (bit 4, TO_DEF = 0 in Timer control register 01h). A time-out
timer limits the maximum ON time of the flash. In both control modes the flash time-out
time is set to a fixed level of 820 ms.
When the flash strobe signal is set to LOW in I2C control mode, bit 0 in register 02h is
set to 0. When the EN1 signal is set to LOW before the time-out timer has expired in
Direct enable mode, the time-out timer is reset.
When a time-out situation is encountered, the TOtrig flag (bit 1) is set in the status
register. See also Section 8.3.5.
8.4.3 Overtemperature protection
If the chip temperature exceeds its limit (Totp, see Table 9), switching of the converter is
inhibited until the temperature drops below its limit minus a small hysteresis.
When an overtemperature situation is encountered, the OTtrig flag (bit 2) is set in the
status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com