Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3250A Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SSL3250A Datasheet HTML 18Page - NXP Semiconductors SSL3250A Datasheet HTML 19Page - NXP Semiconductors SSL3250A Datasheet HTML 20Page - NXP Semiconductors SSL3250A Datasheet HTML 21Page - NXP Semiconductors SSL3250A Datasheet HTML 22Page - NXP Semiconductors SSL3250A Datasheet HTML 23Page - NXP Semiconductors SSL3250A Datasheet HTML 24Page - NXP Semiconductors SSL3250A Datasheet HTML 25Page - NXP Semiconductors SSL3250A Datasheet HTML 26Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
23 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
13. Package outline
Fig 15. Package outline SOT758-3 (HVQFN16)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT758-3
MO-220
SOT758-3
07-10-11
08-02-08
UNIT
A
max
mm
0.9
0.05
0.00
0.7
0.6
0.2
3.1
2.9
2.85
2.65
1.6
1.4
2.85
2.65
1.6
1.4
1.5
0.05
0.05
A1
DIMENSIONS (mm are the original dimensions)
HVQFN16: plastic thermal enhanced very thin quad flat package; no leads;
16 terminals; body 3 x 3 x 0.85 mm
0
2.5
5 mm
scale
A4
b
0.30
0.18
c
D
D1
Dh
E
3.1
2.9
E1
Eh
e
0.5
e1
e2
1.5
L
0.5
0.3
v
0.1
w
yy1
0.1
C
y
C
y1
X
terminal 1
index area
B
A
D1
D
E1
E
detail X
A1
A4
A
c
terminal 1
index area
b
e2
e1
e
e
1/2 e
1/2 e
A
C
B
v M
C
w M
Dh
Eh
L
4
58
9
12
13
1
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com