Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3250A Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SSL3250A Datasheet HTML 12Page - NXP Semiconductors SSL3250A Datasheet HTML 13Page - NXP Semiconductors SSL3250A Datasheet HTML 14Page - NXP Semiconductors SSL3250A Datasheet HTML 15Page - NXP Semiconductors SSL3250A Datasheet HTML 16Page - NXP Semiconductors SSL3250A Datasheet HTML 17Page - NXP Semiconductors SSL3250A Datasheet HTML 18Page - NXP Semiconductors SSL3250A Datasheet HTML 19Page - NXP Semiconductors SSL3250A Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
16 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
8.7.1 Addressing
Each SSL3250A in an I2C-bus system is activated by sending a valid address to the
device. The address always has to be sent as the first byte after the start condition in the
I2C-bus protocol Figure 14.
There is one address byte required since 7-bit addresses are used. The last bit of the
address byte is the read/write-bit and should always be set according to the required
operation. This 7-bit I2C address is 0110000b (30h). The 7-bit address plus the R/W bit
create an 8-bit write address of 60h and a read address of 61h.
The second byte sent to the SSL3250A is the subaddress of a specific register.
8.7.2 Data
After the subduers have been sent the data byte(s) are sent. The definition of the data
byte(s) is given in Figure 12. After each data byte an acknowledge is given and the
subduers is automatically incremented to the next subduers.
A description of the data that can be programmed in the registers is given in the register
map in Section 8.7.3.
8.7.3 Register map
Fig 14. I2C slave address
01
1
0
0
0
0
R
W
MSB
LSB
014aaa288
Table 6.
Description of registers
Legend: * default register value
Address
Register
Bit
Symbol
Access
Value
Description
00h
Current control
7 to 3
MAIN_LEVEL
R/W
00000*
Off (default)
00001
Torch mode, see Section 8.3.3
00010
Torch mode, see Section 8.3.3
.....
.....
01010
Torch mode, see Section 8.3.3
01011
Torch mode, see Section 8.3.3
01100
Flash mode (armed), see Section 8.3.4
01101
Flash mode (armed), see Section 8.3.4
.....
.....
11110
Flash mode (armed), see Section 8.3.4
11111
Flash mode (armed), see Section 8.3.4
2 to 0
IND_LEVEL
R/W
000
*
Off (default)
001
Indicator on, 2.5 mA
011
Indicator on, 5 mA
.....
111
Indicator on, 17.5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com