Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3250A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL3250A Datasheet HTML 1Page - NXP Semiconductors SSL3250A Datasheet HTML 2Page - NXP Semiconductors SSL3250A Datasheet HTML 3Page - NXP Semiconductors SSL3250A Datasheet HTML 4Page - NXP Semiconductors SSL3250A Datasheet HTML 5Page - NXP Semiconductors SSL3250A Datasheet HTML 6Page - NXP Semiconductors SSL3250A Datasheet HTML 7Page - NXP Semiconductors SSL3250A Datasheet HTML 8Page - NXP Semiconductors SSL3250A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1.
General description
The SSL3250A is a photo flash LED driver designed for battery operated mobile devices
such as mobile phones and PDAs. The boost converter delivers high performance and
drives a single or dual, high brightness LED at up to 500 mA with over 85 % efficiency.
The driver can be programmed to operate in Flash, Torch or Indicator / Video-on mode.
The small silicon size and the high internal switching frequency of 1.2 MHz minimize the
SSL3250A footprint making it very suitable for mobile phones where space is limited, and
only requiring four external components. Driving a high power flash LED within its safe
operating limits was a concern when the SSL3250A was designed, so a time-out function
can be programmed via the I2C interface, which will prevent overstressing the LED. Due to
the specific requirements of a mobile phone, the flash current can be rapidly lowered
during RF transmit by using optional external setting resistors.
2.
Features
I High power single, or dual, LED output driving up to 500 mA flash current
I Separate indicator LED output of 2.5 mA to 20 mA
I Output voltage of up to 9.5 V
I Wide input voltage range of 2.7 V to 5.5 V
I High efficiency, over 85 % at optimum output current
I Switching frequency of 1.2 MHz
I Flash, Torch, and Indicator mode supported
I Internally timed flash operation up to 820 ms
I I2C-bus, programmable up to 400 kHz
I Strobe signal to avoid I2C latency for flash
I Discrete enable signals for stand-alone operation
I Optional resistor configurable output currents
I Fast response to accommodate external TxMasking functionality
I Soft start in Torch and Flash modes to avoid battery overloading
I Integrated protection circuits for enhanced system reliability
N Internal time-out function
N OverTemperature Protection (OTP)
N UnderVoltage LockOut (UVLO)
N OverVoltage Protection (OVP)
N Output current protection
N Interrupt signaling to system controller
I Low device shut-down current, less than 1 µA
I SOT758-3, thermally enhanced 16 terminal HVQFN package
SSL3250A
Photo flash dual LED driver
Rev. 03 — 30 June 2009
Product data sheet


Similar Part No. - SSL3250A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
SSL3250AHN/C1 NXP-SSL3250AHN/C1 Datasheet
230Kb / 26P
Photo flash dual LED driver
Rev. 05-16 December 2009
SSL3250A_0912 NXP-SSL3250A_0912 Datasheet
230Kb / 26P
Photo flash dual LED driver
Rev. 05-16 December 2009
More results

Similar Description - SSL3250A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
NXP Semiconductors
SSL3250A_0912 NXP-SSL3250A_0912 Datasheet
230Kb / 26P
Photo flash dual LED driver
Rev. 05-16 December 2009
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
Integrated Silicon Solu...
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
FLASH LED DRIVER
logo
NXP Semiconductors
AN10712 PHILIPS-AN10712_15 Datasheet
219Kb / 14P
Photo flash LED driver
Rev. 1-28 October 2011
logo
Integrated Silicon Solu...
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
FLASH LED DRIVER
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
1.2A Dual Flash LED Driver System
logo
Integrated Silicon Solu...
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
FLASH LED DRIVER
logo
IXYS Corporation
LDS8680 IXYS-LDS8680 Datasheet
412Kb / 12P
800 mA White LED Driver for Photo Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com