Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3250A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL3250A Datasheet HTML 3Page - NXP Semiconductors SSL3250A Datasheet HTML 4Page - NXP Semiconductors SSL3250A Datasheet HTML 5Page - NXP Semiconductors SSL3250A Datasheet HTML 6Page - NXP Semiconductors SSL3250A Datasheet HTML 7Page - NXP Semiconductors SSL3250A Datasheet HTML 8Page - NXP Semiconductors SSL3250A Datasheet HTML 9Page - NXP Semiconductors SSL3250A Datasheet HTML 10Page - NXP Semiconductors SSL3250A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
7 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
2. Trigger the Flash mode either by the hardware STRB pin or by the FLASH_STRB bit
in the Flash strobe register 02h. When the external strobe pin is not used it should be
connected to GND to prevent false strobing of the main LED.
The external current setting resistor R_FL can still be used in Flash mode but is not
required. When the external current setting resistor R_FL is not used, the pin should
preferably be connected to VIN, this way a default resistor value of approximately 50 k
Ω is
assumed. The current setting resistors for the indicator LED, R_IND and for the
Torch mode, R_TR have no function in I2C mode and the pins should preferably be
connected to VIN.
8.3 Operational modes
8.3.1 Shut-down mode
The device is in Shut-down mode when the activate pin (ACT) is LOW. In Shut-down
mode the internal circuitry of the device is turned off to guarantee a low shut-down
current. The N-channel MOSFET (NMOS) is set to high-impedance. To limit the LED
current to a minimum leakage, the current sink circuitry for both the main LED and the
indicator LED are switched to high-impedance. After making the pin ACT HIGH, the
device will start up and is ready to receive commands through the selected interface.
8.3.2 Standby mode
In Standby mode the internal circuitry of the device remains on, but the converter is not
switching. The NMOS is set to high-impedance. To limit the LED current to a minimum
leakage, the current sink circuitry for both the main LED and the indicator LED are
switched to high-impedance. In this mode the device is able to respond to I2C
communication.
8.3.3 Torch mode
The Torch mode allows the main LED to be switched on, without timing limitations, at a
lower LED current setting. The Torch mode current in the main LED can be set between
50 mA and 200 mA in both the I2C and Direct enable control mode.
In I2C mode, the LED current is defined by entering a value between a minimum of 1 and
a maximum of 11 in the current control register. In I2C mode the external R_TR resistor is
ignored. If an external R_FL resistor is connected, this resistor will also scale down the set
torch current. See Section 8.3.6. The current in the main LED using I2C mode is defined
using Equation 1. When not using the resistor R_FL, assume a value of 50 k
Ω in the
equation. Entering Torch mode is done by writing the required current setting in the
current control register. The LED will light to the set torch current. Switching off the Torch
mode can be done by writing 0h into the current control register, or by entering Flash
mode, see Section 8.3.4.
(1)
When using the Direct enable mode, the torch current is defined by an external resistor
connected to the R_TR pin. The LED current is defined using Equation 2. When not using
the current set resistor, the torch current will be set to a default level of 125 mA. The
I
LED
50 k
Ω
R
R_FL
---------------


35 mA
15 mA
Register
×
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com