Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3250A Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SSL3250A Datasheet HTML 8Page - NXP Semiconductors SSL3250A Datasheet HTML 9Page - NXP Semiconductors SSL3250A Datasheet HTML 10Page - NXP Semiconductors SSL3250A Datasheet HTML 11Page - NXP Semiconductors SSL3250A Datasheet HTML 12Page - NXP Semiconductors SSL3250A Datasheet HTML 13Page - NXP Semiconductors SSL3250A Datasheet HTML 14Page - NXP Semiconductors SSL3250A Datasheet HTML 15Page - NXP Semiconductors SSL3250A Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
12 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
8.4 Protection circuits
There are several protection circuits integrated in the device. These protection circuits
protect the device and the application against defects. The SSL3250A has four protection
circuits that will inhibit switching of the converter, programming the status register 03h and
pulling LOW the interrupt line. The interrupt line, which can be connected to external logic,
signaling an error condition. The external logic can read the status register to determine
which fault caused the interrupt and decide on the proper action to take. When not using
the I2C mode, the status register cannot be read out but the interrupt line still is functional
to signal a fault condition.
Fig 10. Indicator LED currents in I2C mode
Fig 11. Indicator LED currents in Direct enable mode
Indicator current using I2C mode
0
7
5
3
1
014aaa368
0
12.5
7.5
2.5
17.5
II_IND (mA)
Register
value
10.0
Indicator current using direct control mode
50
25
165
014aaa369
0
12.5
7.5
3.0
2.5
17.5
20.0
22.5
II_IND (mA)
Register
value (k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com