Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3250A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL3250A Datasheet HTML 1Page - NXP Semiconductors SSL3250A Datasheet HTML 2Page - NXP Semiconductors SSL3250A Datasheet HTML 3Page - NXP Semiconductors SSL3250A Datasheet HTML 4Page - NXP Semiconductors SSL3250A Datasheet HTML 5Page - NXP Semiconductors SSL3250A Datasheet HTML 6Page - NXP Semiconductors SSL3250A Datasheet HTML 7Page - NXP Semiconductors SSL3250A Datasheet HTML 8Page - NXP Semiconductors SSL3250A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
4 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 3.
Pin configuration (terminal 1 index area is die pad GND)
014aaa363
1
2
3
4
12
11
10
9
R_TR
R_FL
SCL/EN2
SDA/EN1
PGND
INT
IF_SEL
LED
SSL3250A
Transparent top view
terminal 1
index area
Table 3.
Pin description
Symbol
Pin
Type
Description
R_TR
1
Analog IO
Setting resistor for torch current
R_FL
2
Analog IO
Setting resistor for flash current
SCL / EN2
3
I
Serial Clock Line (SCL) in I2C mode / Enable 2 in Direct enable
mode
SDA / EN1
4
I/O
Serial Data Line (SDL) in I2C mode / Enable 1 in Direct enable
mode
R_IND
5
Analog IO
Setting resistor for indicator current
I_IND
6
Analog I
Indicator LED current sink
VO
7
Analog O
Output voltage
GND
8
Ground
Ground
LED
9
Analog I
Feedback of the main LED current
IF_SEL
10
I
Interface select; choose between direct enable control or I2C
INT
11
O
Interrupt output (open collector)
PGND
12
Ground
Power ground
LX
13
Analog I
Inductor connection
VIN
14
Input
Input voltage
ACT
15
I
Activate
STRB
16
I
Strobe signal to enable flash in I2C mode
Die pad
-
analog
Exposed die pad; connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com