Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3250A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSL3250A Datasheet HTML 5Page - NXP Semiconductors SSL3250A Datasheet HTML 6Page - NXP Semiconductors SSL3250A Datasheet HTML 7Page - NXP Semiconductors SSL3250A Datasheet HTML 8Page - NXP Semiconductors SSL3250A Datasheet HTML 9Page - NXP Semiconductors SSL3250A Datasheet HTML 10Page - NXP Semiconductors SSL3250A Datasheet HTML 11Page - NXP Semiconductors SSL3250A Datasheet HTML 12Page - NXP Semiconductors SSL3250A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
9 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
8.3.4 Flash mode
The Flash mode allows the main LED to be used at high LED current setting. The Flash
mode current can be set up to 500 mA in both the I2C and Direct enable mode.
In I2C mode, the current is defined by entering a value between a minimum of 12 and a
maximum of 31 in the current control register. The external resistor R_FL can be used to
scale down the set current. This can be used in the application to enable TxMasking as
described in Section 8.3.6. The current in the main LED is defined using Equation 3.
When not using the R_FL resistor, assume a resistor value of 50 k
Ω in the equation.
Entering Flash mode can be done either by using the STRB pin or the FLASH_STRB bit
in Flash Strobe register 02h. The duration of the flash can be determined by a timer,
STRB triggering or by a time-out. The flash timing is given by Equation 3 and in
Section 8.4.2.
(3)
When using the Direct enable mode, the flash current can be defined by an external
resistor connected to the R_FL pin. The current in the main LED is defined using
Equation 4. When not using the current set resistor, the flash current will be set to a
default level of 500 mA. The default current is equal to connecting an external current set
resistor of 50 k
Ω. Entering Flash mode in Direct enable mode can be done using the EN1
and EN2 pins. The LED will stay on in Flash mode for as long as the enable pins are set to
Flash mode, but is limited to 820 ms maximum by the time-out timer.
(4)
When no external current set resistor is used, the R_FL pin can be left unconnected but is
preferably connected to VIN. Never connect the R_FL pin to GND as this will cause
unnecessary reference currents to flow to GND.
Figure 7 illustrates the Flash mode current setting equation for I2C, while Figure 8
illustrates the Flash mode current setting equation for the Direct enable mode.
Fig 7.
Flash mode LED current in I2C mode
I
LED
50 k
Ω
R
R_FL
---------------
35 mA
15 mA
Register
×
+
()
×
=
I
LED
50 k
Ω
R
R_FL
---------------
500 mA
×
=
Flash current using I2C mode
0
32
24
16
12
28
20
014aaa366
250
215
161
125
110
55
375
500
600
0
ILED (mA)
Register
Value (k
Ω)
200
100
66.7
No
Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com